Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8353 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD8353
Szczegółowy opis  1 MHz to 2.7 GHz RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8353 Arkusz danych(HTML) 3 Page - Analog Devices

  AD8353 Datasheet HTML 1Page - Analog Devices AD8353 Datasheet HTML 2Page - Analog Devices AD8353 Datasheet HTML 3Page - Analog Devices AD8353 Datasheet HTML 4Page - Analog Devices AD8353 Datasheet HTML 5Page - Analog Devices AD8353 Datasheet HTML 6Page - Analog Devices AD8353 Datasheet HTML 7Page - Analog Devices AD8353 Datasheet HTML 8Page - Analog Devices AD8353 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD8353
Rev. B | Page 3 of 16
SPECIFICATIONS
VS = 3 V, TA = 25°C, 100 nH external inductor between RFOUT and VPOS, ZO = 50 Ω, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1
2700
MHz
Gain
f = 900 MHz
19.8
dB
f = 1.9 GHz
17.7
dB
f = 2.7 GHz
15.6
dB
Delta Gain
f = 900 MHz, −40°C ≤ TA ≤ +85°C
−0.97
dB
f = 1.9 GHz, −40°C ≤ TA ≤ +85°C
−1.15
dB
f = 2.7 GHz, −40°C ≤ TA ≤ +85°C
−1.34
dB
Gain Supply Sensitivity
VPOS ± 10%, f = 900 MHz
0.04
dB/V
f = 1.9 GHz
−0.004
dB/V
f = 2.7 GHz
−0.04
dB/V
Reverse Isolation (S12)
f = 900 MHz
−35.6
dB
f = 1.9 GHz
−34.9
dB
f = 2.7 GHz
−30.3
dB
RF INPUT INTERFACE
Pin RFIN
Input Return Loss
f = 900 MHz
22.3
dB
f = 1.9 GHz
20.9
dB
f = 2.7 GHz
11.2
dB
RF OUTPUT INTERFACE
Pin RFOUT
Output Compression Point
f = 900 MHz, 1 dB compression
9.1
dBm
f = 1.9 GHz
8.4
dBm
f = 2.7 GHz
7.6
dBm
Delta Compression Point
f = 900 MHz, −40°C ≤ TA ≤ +85°C
−1.46
dB
f = 1.9 GHz, −40°C ≤ TA ≤ +85°C
−1.17
dB
f = 2.7 GHz, −40°C ≤ TA ≤ +85°C
−1
dB
Output Return Loss
f = 900 MHz
26.3
dB
f = 1.9 GHz
16.9
dB
f = 2.7 GHz
13.3
dB
DISTORTION/NOISE
Output Third-Order Intercept
f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm
23.6
dBm
f = 1.9 GHz, ∆f = 1 MHz, PIN = −28 dBm
20.8
dBm
f = 2.7 GHz, ∆f = 1 MHz, PIN = −28 dBm
19.5
dBm
Output Second-Order Intercept
f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm
31.6
dBm
Noise Figure
f = 900 MHz
5.3
dB
f = 1.9 GHz
6
dB
f = 2.7 GHz
6.8
dB
POWER INTERFACE
Pin VPOS
Supply Voltage
2.7
3
3.3
V
Total Supply Current
35
41
48
mA
Supply Voltage Sensitivity
15.3
mA/V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
60
μA/°C


Podobny numer części - AD8353

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
AD8353 AD-AD8353 Datasheet
345Kb / 16P
   RF Gain Block
AD8353-EVAL AD-AD8353-EVAL Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
AD8353-EVALZ AD-AD8353-EVALZ Datasheet
345Kb / 16P
   RF Gain Block
AD8353ACP-REEL7 AD-AD8353ACP-REEL7 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
More results

Podobny opis - AD8353

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8353 AD-AD8353 Datasheet
198Kb / 12P
   100 MHz-2.7 GHz RF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com