Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AT34C02 Arkusz danych(PDF) 2 Page - ATMEL Corporation

Numer części AT34C02
Szczegółowy opis  Two-wire Serial EEPROM with Permanent Software Write Protect
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT34C02 Arkusz danych(HTML) 2 Page - ATMEL Corporation

  AT34C02_07 Datasheet HTML 1Page - ATMEL Corporation AT34C02_07 Datasheet HTML 2Page - ATMEL Corporation AT34C02_07 Datasheet HTML 3Page - ATMEL Corporation AT34C02_07 Datasheet HTML 4Page - ATMEL Corporation AT34C02_07 Datasheet HTML 5Page - ATMEL Corporation AT34C02_07 Datasheet HTML 6Page - ATMEL Corporation AT34C02_07 Datasheet HTML 7Page - ATMEL Corporation AT34C02_07 Datasheet HTML 8Page - ATMEL Corporation AT34C02_07 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
AT34C02
0958Q–SEEPR–1/07
Figure 1. Block Diagram
Absolute Maximum Ratings*
Operating Temperature..................................–55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature .....................................–65°C to +150°C
Voltage on Any Pin
with Respect to Ground .................................... –1.0V to +7.0V
Maximum Operating Voltage .......................................... 6.25V
DC Output Current........................................................ 5.0 mA
DOUT/ACK
LOGIC
DOUT
DIN
A0
SDA
GND
A1
SCL
VCC
A2
Y DEC
DATA WORD
ADDR/COUNTER
SERIAL
CONTROL
LOGIC
START
STOP
LOGIC
DEVICE
ADDRESS
COMPARATOR
SERIAL MUX
EEPROM
EN
COMP
INC
LOAD
LOAD
R/W
H.V. PUMP/TIMING
DATA RECOVERY
WP
WRITE PROTECT
CIRCUITRY
SOFTWARE WRITE
PROTECTED AREA
(00H - 7FH)


Podobny numer części - AT34C02_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT34C02-10PC ATMEL-AT34C02-10PC Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-1.8 ATMEL-AT34C02-10PC-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PC-2.7 ATMEL-AT34C02-10PC-2.7 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI ATMEL-AT34C02-10PI Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02-10PI-1.8 ATMEL-AT34C02-10PI-1.8 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
More results

Podobny opis - AT34C02_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT34C02B ATMEL-AT34C02B Datasheet
466Kb / 21P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02C ATMEL-AT34C02C Datasheet
370Kb / 20P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_09 Datasheet
412Kb / 18P
   Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
AT24CS128 ATMEL-AT24CS128 Datasheet
207Kb / 12P
   2-Wire Serial EEPROMs with Permanent Software Write Protect
AT34C02C ATMEL-AT34C02C_08 Datasheet
658Kb / 25P
   Two-wire Serial EEPROM with Permanent and Reversible Software Write Protect 2K (256 x 8)
logo
AiT Semiconductor Inc.
A34C04 AITSEMI-A34C04 Datasheet
638Kb / 19P
   EEPROM W/PERMANENT SW WRITE PROTECT 4-Kbit (512횞8) TWO-WIRE SERIAL EEPROM
REV1.0
logo
Microchip Technology
24AA52 MICROCHIP-24AA52_11 Datasheet
822Kb / 36P
   EEPROM with Software Write-Protect
08/02/11
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com