Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC251G2DXXX-24IA Arkusz danych(PDF) 9 Page - ATMEL Corporation

Numer części TSC251G2DXXX-24IA
Szczegółowy opis  8/16-bit Microcontroller with Serial Communication Interfaces
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC251G2DXXX-24IA Arkusz danych(HTML) 9 Page - ATMEL Corporation

Back Button TSC251G2DXXX-24IA Datasheet HTML 5Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 6Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 7Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 8Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 9Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 10Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 11Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 12Page - ATMEL Corporation TSC251G2DXXX-24IA Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
9
AT/TSC8x251G2D
4135F–8051–11/06
T1:0
I/O
Timer 1:0 External Clock Inputs
When timer 1:0 operates as a counter, a falling edge on the T1:0 pin
increments the count.
T2
I/O
Timer 2 Clock Input/Output
For the timer 2 capture mode, T2 is the external clock input. For the Timer 2
clock-out mode, T2 is the clock output.
P1.0
T2EX
I
Timer 2 External Input
In timer 2 capture mode, a falling edge initiates a capture of the timer 2
registers. In auto-reload mode, a falling edge causes the timer 2 register to
be reloaded. In the up-down counter mode, this signal determines the
count direction: 1 = up, 0 = down.
P1.1
TXD
O
Transmit Serial Data
TXD outputs the shift clock in serial I/O mode 0 and transmits data in serial
I/O modes 1, 2 and 3.
P3.1
VDD
PWR
Digital Supply Voltage
Connect this pin to +5V or +3V supply voltage.
VPP
I
Programming Supply Voltage
The programming supply voltage is applied to this input for programming
the on-chip EPROM/OTPROM.
VSS
GND
Circuit Ground
Connect this pin to ground.
VSS1
GND
Secondary Ground 1
This ground is provided to reduce ground bounce and improve power
supply bypassing. Connection of this pin to ground is recommended.
However, when using the TSC80251G2D as a pin-for-pin replacement for a
8xC51 product, VSS1 can be unconnected without loss of compatibility.
Not available on DIP package.
VSS2
GND
Secondary Ground 2
This ground is provided to reduce ground bounce and improve power
supply bypassing. Connection of this pin to ground is recommended.
However, when using the TSC80251G2D as a pin-for-pin replacement for a
8xC51 product, VSS2 can be unconnected without loss of compatibility.
Not available on DIP package.
WAIT#
I
Real-time Synchronous Wait States Input
The real-time WAIT# input is enabled by setting RTWE bit in WCON
(S:A7h). During bus cycles, the external memory system can signal
‘system ready’ to the microcontroller in real time by controlling the WAIT#
input signal.
P1.6
WCLK
O
Wait Clock Output
The real-time WCLK output is enabled by setting RTWCE bit in WCON
(S:A7h). When enabled, the WCLK output produces a square wave signal
with a period of one half the oscillator frequency.
P1.7
WR#
O
Write
Write signal output to external memory.
P3.6
XTAL1
I
Input to the on-chip inverting oscillator amplifier
To use the internal oscillator, a crystal/resonator circuit is connected to this
pin. If an external oscillator is used, its output is connected to this pin.
XTAL1 is the clock source for internal timing.
Table 2.
Product Name Signal Description (Continued)
Signal
Name
Type
Description
Alternate
Function


Podobny numer części - TSC251G2DXXX-24IA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TSC251G1DXXX-16CA TEMIC-TSC251G1DXXX-16CA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16CB TEMIC-TSC251G1DXXX-16CB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16CED TEMIC-TSC251G1DXXX-16CED Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16IA TEMIC-TSC251G1DXXX-16IA Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC251G1DXXX-16IB TEMIC-TSC251G1DXXX-16IB Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
More results

Podobny opis - TSC251G2DXXX-24IA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TSC80251G2D TEMIC-TSC80251G2D Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
logo
ATMEL Corporation
TSC80251G2D ATMEL-TSC80251G2D Datasheet
1Mb / 76P
   B/16-BIT MICROCONTROLLER WITH SERIAL COMMUNICATION INTERFACES
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
logo
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
   UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
ATMEL Corporation
ATMEGA168PA ATMEL-ATMEGA168PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328P ATMEL-ATMEGA328P_14 Datasheet
1Mb / 344P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
ATMEGA328 ATMEL-ATMEGA328_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER WITH 4/8/16/32KBYTES
logo
RDC Semiconductor
R8830LV RDC-R8830LV Datasheet
1,001Kb / 97P
   16-Bit Microcontroller with 8-bit external data bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com