Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

3964 Arkusz danych(PDF) 1 Page - Allegro MicroSystems

Numer części 3964
Szczegółowy opis  DUAL FULL-BRIDGE PWM MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3964 Arkusz danych(HTML) 1 Page - Allegro MicroSystems

  3964_00 Datasheet HTML 1Page - Allegro MicroSystems 3964_00 Datasheet HTML 2Page - Allegro MicroSystems 3964_00 Datasheet HTML 3Page - Allegro MicroSystems 3964_00 Datasheet HTML 4Page - Allegro MicroSystems 3964_00 Datasheet HTML 5Page - Allegro MicroSystems 3964_00 Datasheet HTML 6Page - Allegro MicroSystems 3964_00 Datasheet HTML 7Page - Allegro MicroSystems 3964_00 Datasheet HTML 8Page - Allegro MicroSystems 3964_00 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DUAL FULL-BRIDGE PWM MOTOR DRIVER
Designed for pulse-width modulated (PWM) current control of bipolar
stepper motors, the A3964SB and A3964SLB are capable of continuous
output currents to ±800 mA and operating voltages to 30 V. Internal fixed
off-time PWM current-control circuitry can be used to regulate the maximum
load current to a desired value. An internal precision voltage reference is
provided to improve motor peak-current control accuracy. The peak load
current limit is set by the user’s selection of an external resistor divider and
current-sensing resistors.
The fixed off-time pulse duration is set by user-selected external RC
timing networks. The capacitor in the RC timing network also determines a
user-selectable blanking window that prevents false triggering of the PWM
current control circuitry during switching transitions. This eliminates the need
for two external RC filter networks on the current-sensing comparator inputs.
For each bridge the PHASE input controls load current polarity by
selecting the appropriate source and sink driver pair. For each bridge the
ENABLE input, when held high, disables the output drivers. Special power-
up sequencing is not required. Internal circuit protection includes thermal
shutdown with hysteresis, transient-suppression diodes, and crossover-current
protection.
The A3964SB is supplied in a 24-pin plastic DIP with copper heat sink
tabs; A3964SLB is supplied in a 20-lead plastic SOIC with copper heat sink
tabs, and is available in a lead (Pb) free version with 100% matte tin
leadframe plating. The power tabs are at ground potential and need no
electrical isolation.
FEATURES
■ ±800 mA Continuous Output Current Rating
■ 30 V Output Voltage Rating
■ Internal PWM Current Control, Saturated Sink Drivers
■ Internally Generated, Precision 2.5 V Reference
■ Internal Transient-Suppression Diodes
■ Internal Thermal-Shutdown Circuitry
■ Crossover-Current Protection, UVLO Protection
3964
ABSOLUTE MAXIMUM RATINGS
Load Supply Voltage, VBB . . . . . . . . . 33 V
Output Current, IOUT (10 µs) . . . . . . ±1.0 A*
(continuous) . . . . . . . . . . . . . ±800 mA*
Logic Supply Voltage, VCC . . . . . . . . . 7.0 V
Logic Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VCC + 0.3 V
Sense Voltage, VS . . . . . . . . . . . . . . . 1.0 V
Reference Output Current,
IREF(OUT) . . . . . . . . . . . . . . . . . . 1.0 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . -20°C to +85°C
Junction Temperature, TJ . . . . . .
+150½°†
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -55°C to +150°C
* Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set
of conditions, do not exceed the specified current rating
or a junction temperature of 150°C.
† Fault conditions that produce excessive junction
temperature will activate the device’s thermal shutdown
circuitry. These conditions can be tolerated but should
be avoided.
A3964SLB
1
VBB
2
1
2
3
4
5
6
7
9
20
19
18
17
16
15
14
13
12
11
10
9
8
2
1
VCC
GROUND
GROUND
GROUND
GROUND
PHASE 2
V REF(OUT)
2
RC
1
RC
VREF(IN)
PHASE 1
2B
OUT
SENSE 2
2A
OUT
1A
OUT
SENSE 1
1B
OUT
LOAD
SUPPLY
LOGIC
SUPPLY
Dwg. PP-047-1
ENABLE 1
ENABLE 2
Part Number
Pb-free*
Package
Packing
A3964SLB-T
Yes
20-Lead SOIC
37 per tube
A3964SLBTR-T
Yes
20-Lead SOIC
1000 per reel
*Pb-based variants are being phased out of the product line. The variants cited in this
footnote are in production but have been determined to be LAST TIME BUY. This
classification indicates that sale of this device is currently restricted to existing
customer applications. The variants should not be purchased for new design
applications because obsolescence in the near future is probable. Samples are no
longer available. Status change: October 31, 2006. Deadline for receipt fo LAST TIME
BUY orders: April 27, 2007. These variants include: A3964SB, A3964SLB, and
A3964SLBTR.


Podobny numer części - 3964_00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SCHOTT CORPORATION
39647 SCHOTT-39647 Datasheet
31Kb / 1P
   TRANSFORMER, G. SHDSL
More results

Podobny opis - 3964_00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com