Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX79-C2V4 Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części BZX79-C2V4
Szczegółowy opis  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX79-C2V4 Arkusz danych(HTML) 5 Page - NXP Semiconductors

  BZX79-C2V4 Datasheet HTML 1Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 2Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 3Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 4Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 5Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 6Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 7Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 8Page - NXP Semiconductors BZX79-C2V4 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 2
Per type, BZX79-B/C27 to BZX79-B/C75
Tj =25 °C unless otherwise specified.
BZX79-
Bxxx
Cxxx
WORKING VOLTAGE
VZ (V)
at IZtest =2mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =2mA
(see Figs 5 and 6)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 µs; Tamb =25 °C
Tol.
±2% (B)
Tol. approx.
±5% (C)
at IZtest = 0.5 mA at IZtest =2mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
27
26.50
27.50
25.1
28.9
65
300
25
80
18.0
22.7
25.3
50
1.0
30
29.40
30.60
28.0
32.0
70
300
30
80
20.6
25.7
29.4
50
1.0
33
32.30
33.70
31.0
35.0
75
325
35
80
23.3
28.7
33.4
45
0.9
36
35.30
36.70
34.0
38.0
80
350
35
90
26.0
31.8
37.4
45
0.8
39
38.20
39.80
37.0
41.0
80
350
40
130
28.7
34.8
41.2
45
0.7
43
42.10
43.90
40.0
46.0
85
375
45
150
31.4
38.8
46.6
40
0.6
47
46.10
47.90
44.0
50.0
85
375
50
170
35.0
42.9
51.8
40
0.5
51
50.00
52.00
48.0
54.0
90
400
60
180
38.6
46.9
57.2
40
0.4
56
54.90
57.10
52.0
60.0
100
425
70
200
42.2
52.0
63.8
40
0.3
62
60.80
63.20
58.0
66.0
120
450
80
215
58.8
64.4
71.6
35
0.3
68
66.60
69.40
64.0
72.0
150
475
90
240
65.6
71.7
79.8
35
0.25
75
73.50
76.50
70.0
79.0
170
500
95
255
73.4
80.2
88.6
35
0.2


Podobny numer części - BZX79-C2V4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
BZX79-C2V4 GE-BZX79-C2V4 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
GOOD-ARK Electronics
BZX79-C2V4 GOOD-ARK-BZX79-C2V4 Datasheet
320Kb / 7P
   Zener Diodes
logo
Silicon Standard Corp.
BZX79-C2V4 SSC-BZX79-C2V4 Datasheet
455Kb / 7P
   ZENER DIODES
logo
NXP Semiconductors
BZX79-C2V4 NXP-BZX79-C2V4 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
BZX79-C2V4 NXP-BZX79-C2V4 Datasheet
581Kb / 10P
   Voltage regulator diodes
2002 Feb 27
More results

Podobny opis - BZX79-C2V4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com