Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI-3018LSA Arkusz danych(PDF) 3 Page - Allegro MicroSystems

Numer części SI-3018LSA
Szczegółowy opis  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3018LSA Arkusz danych(HTML) 3 Page - Allegro MicroSystems

  SI-3018LSA Datasheet HTML 1Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 2Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 3Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 4Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 5Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 6Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 7Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 8Page - Allegro MicroSystems SI-3018LSA Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = VS = 3.3 V, VE = 2.0 V (unless otherwise
noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
I
O = 500 mA
1.764
1.800
1.836
V
V
OQ
V
E = 0 V, Output Off
0.5
V
Output Volt. Temp. Coeff.
a
VO
I
O = 5 mA, 0°C ≤ TJ ≤ 100°C—
±0.3
mV/
°C
Overcurrent Limit
I
OM
V
O = 95% of VO at IO = 500 mA
1.2
1.5
A
Line Regulation
∆V
O(
∆VI)
3.1 V
≤ V
I = VS ≤ 3.5 V, IO = 300 mA
2.0
10
mV
Load Regulation
∆V
O(
∆IO)
0
≤ I
O ≤ 1 A
10
20
mV
Dropout Voltage
V
Imin - VO
I
O ≤ 1 A
0.55
1.2
V
Ground Terminal Current
I
GND
I
O = 0 mA
1.7
2.5
mA
I
Q
V
E = 0 V, IO = 0 mA
1.0
µA
Rejection Ratio
PSRR
100 Hz
≤ f ≤ 120 Hz
60
dB
ENABLE Input Voltage
V
EH
Output On
2.0
V
V
EL
Output Off
0.8
V
ENABLE Input Current
I
EH
V
E = 2 V, Output On
30
80
µA
I
EL
V
E = 0 V, Output Off
0
-5.0
µA
Thermal Protection Temp.
T
J
135
150
°C
Thermal Resistance
RθJL
To terminals 7 and 8
36
°C/W
Typical values are at T
A = +25°C and are given for circuit design information only.


Podobny numer części - SI-3018LSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
List of Unclassifed Man...
SI-3018LSA ETC1-SI-3018LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3018LSA SANKEN-SI-3018LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results

Podobny opis - SI-3018LSA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SI3018 ALLEGRO-SI3018 Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810C1EJV33 INFINEON-TLS810C1EJV33_15 Datasheet
2Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-11
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
   Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com