Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7078MPR Arkusz danych(PDF) 10 Page - Allegro MicroSystems

Numer części SLA7078MPR
Szczegółowy opis  Motor Driver IC Family
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEGRO [Allegro MicroSystems]
Strona internetowa  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA7078MPR Arkusz danych(HTML) 10 Page - Allegro MicroSystems

Back Button SLA7078MPR Datasheet HTML 5Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 6Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 7Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 8Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 9Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 10Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 11Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 12Page - Allegro MicroSystems SLA7078MPR Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SLA7075M, SLA7076M,
SLA7077M, and SLA7078M
Motor Driver ICs
10
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Stepper Motor
Coil Short Circuit
Coil Short Circuit
Normal Operation
Output Disable
VM
VOCP
+V
VREF
0
t
RSInt
VS
VS
Vg
Figure 4. Motor coil short circuit protect circuit operation. Overcurrent that flows with-
out passing the sense resistor is undetectable. To recover the circuit after protection oper-
ates, VDD must be cycled and started up again.
Protection Functions: PR Types
The PR types of the SLA7070M series include a motor coil
short-circuit protection circuit and a motor coil open protection
circuit. They are described in this section.
• Motor Coil Short-Circuit Protection (Load Short) Circuit
This protection circuit, embedded in the SLA7070M series,
begins to operate when the device detects an increase in the volt-
age level on the sense resistor, VSInt .
The voltage at which motor coil short-circuit protection
starts its operation, VOCP, is set at approximately 0.7 V. The out-
put is disabled at the time the protection circuit starts.
In order for the motor coil short-circuit protection circuit to
operate, VSInt must be greater than VOCP.
Overcurrent that flows without passing the sense resistor
is undetectable. To resume the circuit after protection operates,
VDD must be cycled.
• Motor Coil Open Protection
Details of this functions is not disclosed yet due to our pat-
ent policy.


Podobny numer części - SLA7078MPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7078MPR SANKEN-SLA7078MPR Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7078MPRT SANKEN-SLA7078MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
More results

Podobny opis - SLA7078MPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SLA7070M ALLEGRO-SLA7070M Datasheet
350Kb / 12P
   Motor Driver IC Family
logo
Sanyo Semicon Device
LV8414CS SANYO-LV8414CS Datasheet
455Kb / 10P
   Microstep Driver Motor Driver IC
LV8414CS SANYO-LV8414CS_12 Datasheet
311Kb / 36P
   Microstep Driver Motor Driver IC
logo
Toshiba Semiconductor
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
   DC MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
   DC MOTOR DRIVER IC
TA8473F TOSHIBA-TA8473F Datasheet
426Kb / 9P
   FAN MOTOR DRIVER IC
logo
Texas Instruments
DRV8814 TI-DRV8814_15 Datasheet
844Kb / 18P
[Old version datasheet]   DC MOTOR DRIVER IC
logo
Toshiba Semiconductor
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Micro Analog systems
MAS6012 MAS-MAS6012 Datasheet
93Kb / 9P
   Stepper Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com