Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX399-C33 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BZX399-C33
Szczegółowy opis  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX399-C33 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BZX399-C33 Datasheet HTML 1Page - NXP Semiconductors BZX399-C33 Datasheet HTML 2Page - NXP Semiconductors BZX399-C33 Datasheet HTML 3Page - NXP Semiconductors BZX399-C33 Datasheet HTML 4Page - NXP Semiconductors BZX399-C33 Datasheet HTML 5Page - NXP Semiconductors BZX399-C33 Datasheet HTML 6Page - NXP Semiconductors BZX399-C33 Datasheet HTML 7Page - NXP Semiconductors BZX399-C33 Datasheet HTML 8Page - NXP Semiconductors BZX399-C33 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 Jun 04
4
Philips Semiconductors
Product specification
Voltage regulator diodes
BZX399 series
Table 1
Per type BZX399-C1V8 to C15
Tj =25 °C unless otherwise specified.
Note
1.
∆V
Z =VZ at 100 µA minus VZ at 10 µA.
BZX399-C
XXX
WORKING
VOLTAGE
VZ (V)
IZ =50 µA
VOLTAGE
CHANGE
∆VZ(V)
(note 1)
TEMP. COEFF.
SZ (mV/K)
IZ =50 µA
(see Figs 2, 3 and 4)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A) at tp = 100 µs;
Tamb =25 °C
Tol.
±5%
MIN.
MAX.
MAX.
TYP.
MAX.
MAX.
1V8
1.71
1.89
0.65
−0.85
425
6.0
2V0
1.90
2.10
0.70
−0.95
410
6.0
2V2
2.09
2.31
0.75
−1.05
390
6.0
2V4
2.28
2.52
0.80
−1.15
370
6.0
2V7
2.57
2.84
0.85
−1.35
350
6.0
3V0
2.85
3.15
0.90
−1.50
325
6.0
3V3
3.14
3.47
0.93
−1.65
310
6.0
3V6
3.42
3.78
0.95
−1.80
300
6.0
3V9
3.71
4.10
0.97
−1.95
290
6.0
4V3
4.09
4.52
0.99
−2.05
280
6.0
4V7
4.47
4.94
0.97
−1.90
275
6.0
5V1
4.85
5.36
0.60
0.15
300
5.0
5V6
5.32
5.88
0.20
1.75
275
4.0
6V2
5.89
6.51
0.10
2.35
250
3.0
6V8
6.46
7.14
0.10
3.00
215
3.0
7V5
7.13
7.88
0.15
3.60
170
3.0
8V2
7.79
8.61
0.15
4.25
150
3.0
9V1
8.65
9.56
0.10
5.00
120
3.0
10
9.50
10.50
0.10
5.80
110
3.0
11
10.45
11.55
0.11
6.70
110
2.5
12
11.40
12.60
0.12
7.65
105
2.5
13
12.35
13.65
0.13
8.60
105
2.5
15
14.25
15.75
0.15
10.50
100
2.0


Podobny numer części - BZX399-C33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
BZX39 ETC1-BZX39 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX39 DIOTECH-BZX39 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
More results

Podobny opis - BZX399-C33

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com