Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM6651B Arkusz danych(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Numer części AM6651B
Szczegółowy opis  MOTOR CONTROL CIRCUIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM6651B Arkusz danych(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM6651B Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM6651B Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet
MOTOR CONTROL CIRCUIT
AM6651B
5
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
VCC=6V, RA=1kΩ
(Figure 6)
0.90
1.0
1.10
V
Bias Current
IBIAS
VCC=6V (Figure 5)
0.9
1.8
mA
Current Coefficient
K
VCC=6V, ∆I4=40mA
(Figure 4) (Note 3)
35
45
Saturation Voltage
VSAT
VCC=4.2V, RA=5Ω
1.06
2
V
Voltage Characteristic of
Reference Voltage
(
∆V
REF/VREF)/
∆V
CC
VCC=3.5 to 14V,
RA=1kΩ
-0.02
%/V
Voltage Characteristic of
Current Coefficient
(
∆K/K)/∆V
CC
VCC=3.5 to 14V,
∆I
4=40mA
0.39
%/V
Current Characteristic of
Reference Voltage
(
∆V
REF/VREF)/∆I4
I4=50 to 200mA
-0.06
%/mA
Current Characteristic of
Current Coefficient
(
∆K/K)/∆I
4
I4=50 to 200mA
-0.01
%/mA
Temperature Character-
istic of Reference Volt-
age
(
∆V
REF/VREF)/∆TA
VCC=6V, RA=1kΩ
TA=0 to 70 ℃
0.01
%/ ℃
Temperature Character-
istic of Current Coeffi-
cient
(
∆K/K)/∆T
A
VCC=6V, ∆I4=40mA
TA=0 to 70 ℃
0.01
%/ ℃
Electrical Characteristics
(VCC=6V, TA=25
oC, unless otherwise specified.)
Note 3: I4 is the motor driver current, please see Figures 4 and 5.


Podobny numer części - AM6651B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
AM6602 AITSEMI-AM6602 Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
AM6602E6R AITSEMI-AM6602E6R Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
AM6602E6VR AITSEMI-AM6602E6VR Datasheet
883Kb / 12P
   DUAL ENHANCEMENT MODE MOSFET (N- AND P-CHANNEL)
REV1.0
logo
Analog Power
AM6612N ANALOGPOWER-AM6612N Datasheet
214Kb / 5P
   N-Channel 30-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM6612N DOINGTER-AM6612N Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced trench technology
More results

Podobny opis - AM6651B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wuxi Youda electronics ...
YD6651 YOUDA-YD6651 Datasheet
75Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_16 Datasheet
155Kb / 5P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6651 PANASONIC-AN6651 Datasheet
97Kb / 3P
   Motor Control Circuit
logo
Seaward Electronics Inc...
SE6651 SEAWARD-SE6651 Datasheet
120Kb / 4P
   Motor Control Circuit
logo
Unisonic Technologies
AN6652 UTC-AN6652 Datasheet
111Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Panasonic Semiconductor
AN6652 PANASONIC-AN6652 Datasheet
33Kb / 2P
   Motor Control Circuit
logo
Wuxi Youda electronics ...
YD6651B YOUDA-YD6651B Datasheet
84Kb / 3P
   MOTOR CONTROL CIRCUIT
YD6652 YOUDA-YD6652 Datasheet
129Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Unisonic Technologies
AN6652 UTC-AN6652_15 Datasheet
115Kb / 3P
   MOTOR CONTROL CIRCUIT
logo
Wuxi Youda electronics ...
YD5530 YOUDA-YD5530 Datasheet
131Kb / 3P
   MOTOR CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com