Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN2106EMPX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN2106EMPX
Szczegółowy opis  TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106EMPX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN2106EMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2106EMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 Rev. 1.0.1
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Parameter
Conditions
Min.
Max.
Unit
PVIN to PGND
28
V
VCC to AGND
AGND = PGND
6
V
BOOT to PGND
35
V
BOOT to SW
-0.3
6
V
Continuous
-0.5
24
V
SW to PGND
Transient (t < 20nsec, F < 600KHz)
-5
30
V
All other pins
-0.3
VCC+0.3
V
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
Bias Voltage
VCC to AGND
4.5
5.0
5.5
V
VIN
Supply Voltage
PVIN to PGND
3
24
V
FAN2106M
-10
85
°C
TA
Ambient Temperature
FAN2106EM
-40
85
°C
TJ
Junction Temperature
125
°C
Thermal Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TSTG
Storage Temperature
-65
150
°C
TL
Lead Soldering Temperature, 10 seconds
300
°C
TVP
Vapor Phase, 60 seconds
215
°C
TI
Infrared, 15 seconds
220
°C
P1 (Q2)
4
°C/W
P2 (Q1)
7
°C/W
θJC
Thermal Resistance:
Junction-to-Case
P3
4
°C/W
θJ-PCB
Thermal Resistance: Junction-to-Mounting Surface
35
(1)
°C/W
PD
Power Dissipation, TA = 25°C
2.8
(1)
W
Note:
1.
Typical thermal resistance when mounted on a four-layer, two-ounce PCB, as shown in Figure 25. Actual results
are dependent on mounting method and surface related to the design.


Podobny numer części - FAN2106EMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Podobny opis - FAN2106EMPX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com