Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM5901AF44 Arkusz danych(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Numer części AM5901AF44
Szczegółowy opis  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Strona internetowa  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901AF44 Arkusz danych(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5901AF44 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5901AF44 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Data Sheet
6
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
AM5901A
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
PQFP-44
0 to 70oC
AM5901AF44
AM5901AF44-E1
AM5901AF44
AM5901AF44-E1
Tray
LQFP-44
0 to 70oC
AM5901ALF44
AM5901ALF44-E1
AM5901ALF44
AM5901ALF44-E1
Tray
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
E1: Lead Free
Blank: Tin Lead
AM5901A
-
LF44: LQFP-44
F44: PQFP-44


Podobny numer części - AM5901AF44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Power
AM5920N ANALOGPOWER-AM5920N Datasheet
158Kb / 3P
   Dual N-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM5920N-T1-PF VBSEMI-AM5920N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM5922N ANALOGPOWER-AM5922N Datasheet
345Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM5922N-T1-PF VBSEMI-AM5922N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM5931P ANALOGPOWER-AM5931P Datasheet
59Kb / 3P
   P-Channel 30-V (D-S) MOSFET
More results

Podobny opis - AM5901AF44

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
AT5801 ETC1-AT5801 Datasheet
276Kb / 12P
   4-Channel driver Power Controller
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Rohm
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
   4-channel driver and power controller
logo
Aimtron Technology
AT5802 AIMTRON-AT5802 Datasheet
258Kb / 12P
   Preliminary 4-Channel driver Power Controller
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com