Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCA20N60F Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FCA20N60F
Szczegółowy opis  600V N-CHANNEL FRFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCA20N60F Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FCA20N60F Datasheet HTML 1Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 2Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 3Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 4Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 5Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 6Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 7Page - Fairchild Semiconductor FCA20N60F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FCA20N60F Rev. A
Package Marking and Ordering Information
Electrical Characteristics T
C = 25°C unless otherwise noted
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. IAS = 10A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 20A, di/dt ≤ 1200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test: Pulse width
≤ 300μs, Duty Cycle ≤ 2%
5. Essentially Independent of Operating Temperature Typical Characteristics
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FCA20N60F
FCA20N60F
TO-3PN
--
--
30
Symbol
Parameter
Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250μA, TJ = 25°C
600
--
--
V
VGS = 0V, ID = 250μA, TJ = 150°C
--
650
--
V
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250μA, Referenced to 25°C
--
0.6
--
V/
°C
BVDSS
Drain-Source Avalanche Breakdown
Voltage
VGS = 0V, ID = 20A
--
700
--
V
IDSS
Zero Gate Voltage Drain Current
VDS = 600V, VGS = 0V
VDS = 480V, TC = 125°C
--
--
--
--
10
100
μA
μA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30V, VDS = 0V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30V, VDS = 0V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250μA
3.0
--
5.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10V, ID = 10A
--
0.15
0.19
Ω
gFS
Forward Transconductance
VDS = 40V, ID = 10A
(Note 4)
--
17
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
--
2370
3080
pF
Coss
Output Capacitance
--
1280
1665
pF
Crss
Reverse Transfer Capacitance
--
95
--
pF
Coss
Output Capacitance
VDS = 480V, VGS = 0V, f = 1.0MHz
--
65
85
pF
Coss eff.
Effective Output Capacitance
VDS = 0V to 400V, VGS = 0V
--
165
--
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 300V, ID = 20A
RG = 25Ω
(Note 4, 5)
--
62
135
ns
tr
Turn-On Rise Time
--
140
290
ns
td(off)
Turn-Off Delay Time
--
230
470
ns
tf
Turn-Off Fall Time
--
65
140
ns
Qg
Total Gate Charge
VDS = 480V, ID = 20A
VGS = 10V
(Note 4, 5)
--
75
98
nC
Qgs
Gate-Source Charge
--
13.5
18
nC
Qgd
Gate-Drain Charge
--
36
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
20
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
60
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0V, IS = 20A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0V, IS = 20A
dIF/dt =100A/μs
(Note 4)
--
160
--
ns
Qrr
Reverse Recovery Charge
--
1.1
--
μC


Podobny numer części - FCA20N60F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FCA20N60F FAIRCHILD-FCA20N60F Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FCA20N60F ISC-FCA20N60F Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCA20N60F109 FAIRCHILD-FCA20N60F109 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FCA20N60FS FAIRCHILD-FCA20N60FS Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Podobny opis - FCA20N60F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FCB20N60F FAIRCHILD-FCB20N60F Datasheet
862Kb / 8P
   600V N-CHANNEL FRFET
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
FDPF6N60ZUT FAIRCHILD-FDPF6N60ZUT_12 Datasheet
291Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDPF10N60ZUT FAIRCHILD-FDPF10N60ZUT_12 Datasheet
325Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FDP6N60ZU FAIRCHILD-FDP6N60ZU Datasheet
531Kb / 9P
   N-Channel MOSFET, FRFET 600V, 4.5A, 2廓
FDP8N60ZU FAIRCHILD-FDP8N60ZU Datasheet
540Kb / 9P
   N-Channel MOSFET, FRFET 600V, 6.5A, 1.35廓
FDP10N60ZU FAIRCHILD-FDP10N60ZU Datasheet
559Kb / 9P
   N-Channel MOSFET, FRFET 600V, 9A, 0.8廓
FCH47N60NF FAIRCHILD-FCH47N60NF Datasheet
301Kb / 8P
   N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com