Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZX79-A16 Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BZX79-A16
Szczegółowy opis  Voltage regulator diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZX79-A16 Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BZX79-A16 Datasheet HTML 1Page - NXP Semiconductors BZX79-A16 Datasheet HTML 2Page - NXP Semiconductors BZX79-A16 Datasheet HTML 3Page - NXP Semiconductors BZX79-A16 Datasheet HTML 4Page - NXP Semiconductors BZX79-A16 Datasheet HTML 5Page - NXP Semiconductors BZX79-A16 Datasheet HTML 6Page - NXP Semiconductors BZX79-A16 Datasheet HTML 7Page - NXP Semiconductors BZX79-A16 Datasheet HTML 8Page - NXP Semiconductors BZX79-A16 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
Table 1
Per type, BZX79-B/C2V4 to BZX79-B/C24
Tj =25 °C unless otherwise specified.
BZX79-
Bxxx
Cxxx
WORKING VOLTAGE
VZ (V)
at IZtest =5mA
DIFFERENTIAL RESISTANCE
rdif (Ω)
TEMP. COEFF.
SZ (mV/K)
at IZtest =5mA
(see Figs 5 and 6)
DIODE CAP.
Cd (pF)
at f = 1 MHz;
VR =0V
NON-REPETITIVE PEAK
REVERSE CURRENT
IZSM (A)
at tp = 100 µs; Tamb =25 °C
Tol.
±2% (B)
Tol. approx.
±5% (C)
at IZtest = 1 mA
at IZtest =5mA
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
MIN.
TYP.
MAX.
MAX.
MAX.
2V4
2.35
2.45
2.2
2.6
275
600
70
100
−3.5
−1.6
0
450
6.0
2V7
2.65
2.75
2.5
2.9
300
600
75
100
−3.5
−2.0
0
450
6.0
3V0
2.94
3.06
2.8
3.2
325
600
80
95
−3.5
−2.1
0
450
6.0
3V3
3.23
3.37
3.1
3.5
350
600
85
95
−3.5
−2.4
0
450
6.0
3V6
3.53
3.67
3.4
3.8
375
600
85
90
−3.5
−2.4
0
450
6.0
3V9
3.82
3.98
3.7
4.1
400
600
85
90
−3.5
−2.5
0
450
6.0
4V3
4.21
4.39
4.0
4.6
410
600
80
90
−3.5
−2.5
0
450
6.0
4V7
4.61
4.79
4.4
5.0
425
500
50
80
−3.5
−1.4
0.2
300
6.0
5V1
5.00
5.20
4.8
5.4
400
480
40
60
−2.7
−0.8
1.2
300
6.0
5V6
5.49
5.71
5.2
6.0
80
400
15
40
−2.0
1.2
2.5
300
6.0
6V2
6.08
6.32
5.8
6.6
40
150
6
10
0.4
2.3
3.7
200
6.0
6V8
6.66
6.94
6.4
7.2
30
80
6
15
1.2
3.0
4.5
200
6.0
7V5
7.35
7.65
7.0
7.9
30
80
6
15
2.5
4.0
5.3
150
4.0
8V2
8.04
8.36
7.7
8.7
40
80
6
15
3.2
4.6
6.2
150
4.0
9V1
8.92
9.28
8.5
9.6
40
100
6
15
3.8
5.5
7.0
150
3.0
10
9.80
10.20
9.4
10.6
50
150
8
20
4.5
6.4
8.0
90
3.0
11
10.80
11.20
10.4
11.6
50
150
10
20
5.4
7.4
9.0
85
2.5
12
11.80
12.20
11.4
12.7
50
150
10
25
6.0
8.4
10.0
85
2.5
13
12.70
13.30
12.4
14.1
50
170
10
30
7.0
9.4
11.0
80
2.5
15
14.70
15.30
13.8
15.6
50
200
10
30
9.2
11.4
13.0
75
2.0
16
15.70
16.30
15.3
17.1
50
200
10
40
10.4
12.4
14.0
75
1.5
18
17.60
18.40
16.8
19.1
50
225
10
45
12.4
14.4
16.0
70
1.5
20
19.60
20.40
18.8
21.2
60
225
15
55
12.3
15.6
18.0
60
1.5
22
21.60
22.40
20.8
23.3
60
250
20
55
14.1
17.6
20.0
60
1.25
24
23.50
24.50
22.8
25.6
60
250
25
70
15.9
19.6
22.0
55
1.25


Podobny numer części - BZX79-A16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nexperia B.V. All right...
BZX79-B/C10 NEXPERIA-BZX79-B/C10 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C11 NEXPERIA-BZX79-B/C11 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C12 NEXPERIA-BZX79-B/C12 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C13 NEXPERIA-BZX79-B/C13 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
BZX79-B/C15 NEXPERIA-BZX79-B/C15 Datasheet
871Kb / 11P
   Voltage regulator diodes
2002 Feb 27
More results

Podobny opis - BZX79-A16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com