Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFW9510 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części SFW9510
Szczegółowy opis  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SFW9510 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  SFW9510 Datasheet HTML 1Page - Fairchild Semiconductor SFW9510 Datasheet HTML 2Page - Fairchild Semiconductor SFW9510 Datasheet HTML 3Page - Fairchild Semiconductor SFW9510 Datasheet HTML 4Page - Fairchild Semiconductor SFW9510 Datasheet HTML 5Page - Fairchild Semiconductor SFW9510 Datasheet HTML 6Page - Fairchild Semiconductor SFW9510 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SFW/I9510
BV
DSS = -100 V
R
DS(on) = 1.2
I
D = -3.6 A
-100
-3.6
-2.5
-14
±30
52
-3.6
3.2
-6.5
3.8
32
0.21
- 55 to +175
300
4.69
40
62.5
--
--
--
n Avalanche Rugged Technology
n Rugged Gate Oxide Technology
n Lower Input Capacitance
n Improved Gate Charge
n Extended Safe Operating Area
n 175
o
C Operating Temperature
n Lower Leakage Current : 10 µA(Max.) @ V
DS = -100V
n Low R
DS(ON) : 0.912 Ω (Typ.)
Advanced Power MOSFET
Thermal Resistance
Junction-to-Case
Junction-to-Ambient
Junction-to-Ambient
RθJC
RθJA
RθJA
o
C/W
Characteristic
Max.
Units
Symbol
Typ.
FEATURES
D2-PAK
1. Gate 2. Drain 3. Source
1
3
2
1
2
3
I2-PAK
*
* When mounted on the minimum pad size recommended (PCB Mount).
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current (T
C=25
o
C)
Continuous Drain Current (T
C=100
o
C)
Drain Current-Pulsed
Gate-to-Source Voltage
Single Pulsed Avalanche Energy
Avalanche Current
Repetitive Avalanche Energy
Peak Diode Recovery dv/dt
Total Power Dissipation (T
A=25
o
C)
Total Power Dissipation (T
C=25
o
C)
Linear Derating Factor
Operating Junction and
Storage Temperature Range
Maximum Lead Temp. for Soldering
Purposes, 1/8” from case for 5-seconds
Characteristic
Value
Units
Symbol
I
DM
V
GS
E
AS
I
AR
E
AR
dv/dt
P
D
I
D
T
J , TSTG
T
L
A
V
mJ
A
mJ
V/ns
W
W
W/
o
C
A
o
C
V
DSS
V
*
O
1
O
2
O
3
O
1
O
1
Rev. C


Podobny numer części - SFW9510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
SFW9510 ISC-SFW9510 Datasheet
362Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Podobny opis - SFW9510

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com