Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KSR2104 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części KSR2104
Szczegółowy opis  Switching Application (Bias Resistor Built In)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSR2104 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  KSR2104 Datasheet HTML 1Page - Fairchild Semiconductor KSR2104 Datasheet HTML 2Page - Fairchild Semiconductor KSR2104 Datasheet HTML 3Page - Fairchild Semiconductor KSR2104 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A3, November 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current
-100
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -10µA, IE=0
-50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -100µA, IB=0
-50
V
ICBO
Collector Cutoff Current
VCB= -40V, IE=0
-0.1
µA
hFE
DC Current Gain
VCE= -5V, IC= -5mA
68
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
-0.3
V
fT
Current Gain Bandwidth Product
VCE= -10V, IC= -5mA
200
MHz
Cob
Output Capacitance
VCB= -10V, IE=0
f=1.0MHz
5.5
pF
VI(off)
Input Off Voltage
VCE= -5V, IC= -100µA-0.5
V
VI(on)
Input On Voltage
VCE= -0.3V, IC= -2mA
-3
V
R1
Input Resistor
32
47
62
K
R1/R2
Resistor Ratio
0.9
1
1.1
KSR2104
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit, Driver Circuit
• Built in bias Resistor (R1=47KΩ, R2=47KΩ)
• Complement to KSR1104
Equivalent Circuit
B
E
C
R1
R2
R5 4
Marking
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Podobny numer części - KSR2104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KSR2104 SAMSUNG-KSR2104 Datasheet
64Kb / 2P
   PNP (SWITCHING APPLICATION)
More results

Podobny opis - KSR2104

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FJV4106RMTF FAIRCHILD-FJV4106RMTF Datasheet
94Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1004 FAIRCHILD-KSR1004 Datasheet
37Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR2002 FAIRCHILD-KSR2002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1002 FAIRCHILD-KSR1002 Datasheet
38Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1010 FAIRCHILD-KSR1010 Datasheet
34Kb / 4P
   Switching Application (Bias Resistor Built In)
FJX3011RTF FAIRCHILD-FJX3011RTF Datasheet
37Kb / 3P
   Switching Application (Bias Resistor Built In)
FJX4004RTF FAIRCHILD-FJX4004RTF Datasheet
47Kb / 4P
   Switching Application (Bias Resistor Built In)
KSR1104 FAIRCHILD-KSR1104 Datasheet
55Kb / 4P
   Switching Application (Bias Resistor Built In)
FJN3304RTA FAIRCHILD-FJN3304RTA Datasheet
71Kb / 4P
   Switching Application (Bias Resistor Built In)
FJN3303RBU FAIRCHILD-FJN3303RBU Datasheet
42Kb / 4P
   Switching Application (Bias Resistor Built In)
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com