Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM336-2.5 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM336-2.5
Szczegółowy opis  2.5V INTEGRATED REFERENCE CIRCUITS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM336-2.5 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM336-2.5 Datasheet HTML 3Page - Texas Instruments LM336-2.5 Datasheet HTML 4Page - Texas Instruments LM336-2.5 Datasheet HTML 5Page - Texas Instruments LM336-2.5 Datasheet HTML 6Page - Texas Instruments LM336-2.5 Datasheet HTML 7Page - Texas Instruments LM336-2.5 Datasheet HTML 8Page - Texas Instruments LM336-2.5 Datasheet HTML 9Page - Texas Instruments LM336-2.5 Datasheet HTML 10Page - Texas Instruments LM336-2.5 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MSOT002A – OCTOBER 1994 – REVISED NOVEMBER 2001
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LP (O-PBCY-W3)
PLASTIC CYLINDRICAL PACKAGE
4040001-3 /C 10/01
0.094 (2,40)
0.114 (2,90)
0.460 (11,70)
0.539 (13,70)
TAPE & REEL
0.335 (8,50)
0.384 (9,75)
0.020 (0,50) MIN
0.217 (5,50)
0.748 (19,00)
0.748 (19,00)
0.689 (17,50)
0.098 (2,50)
0.433 (11,00)
0.335 (8,50)
0.610 (15,50)
0.650 (16,50)
1.260 (32,00)
0.905 (23,00)
0.234 (5,95)
0.266 (6,75)
0.512 (13,00)
0.488 (12,40)
0.114 (2,90)
0.094 (2,40)
0.146 (3,70)
0.169 (4,30)
DIA
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Tape and Reel information for the Format Lead Option package.


Podobny numer części - LM336-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM336-2.5 TI-LM336-2.5 Datasheet
95Kb / 10P
[Old version datasheet]   2.5-V INTEGRATED REFERENCE CIRCUITS
logo
Fairchild Semiconductor
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
logo
National Semiconductor ...
LM336-2.5 NSC-LM336-2.5 Datasheet
223Kb / 12P
   Reference Diode
logo
Linear Technology
LM336-2.5 LINER-LM336-2.5 Datasheet
131Kb / 4P
   2.5V Reference
logo
Texas Instruments
LM336-2.5 TI1-LM336-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
More results

Podobny opis - LM336-2.5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM236-2.5 TI1-LM236-2.5_16 Datasheet
449Kb / 15P
[Old version datasheet]   2.5V INTERGRATED REFERENCE CIRCUITS
logo
Linear Technology
LT1009 LINER-LT1009 Datasheet
140Kb / 8P
   2.5V Reference
RH1009 LINER-RH1009 Datasheet
125Kb / 2P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_05 Datasheet
119Kb / 8P
   2.5V Reference
LM136-2.5 LINER-LM136-2.5 Datasheet
131Kb / 4P
   2.5V Reference
LM336-2.5 LINER-LM336-2.5_15 Datasheet
137Kb / 4P
   2.5V Reference
LT1009 LINER-LT1009_15 Datasheet
123Kb / 8P
   2.5V Reference
logo
Linear Integrated Syste...
LT1009MH LINEAR-LT1009MH Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
RH1009 LINER-RH1009_15 Datasheet
60Kb / 2P
   2.5V Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com