Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N35 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części 4N35
Szczegółowy opis  COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

4N35 Arkusz danych(HTML) 6 Page - Texas Instruments

  4N35_05 Datasheet HTML 1Page - Texas Instruments 4N35_05 Datasheet HTML 2Page - Texas Instruments 4N35_05 Datasheet HTML 3Page - Texas Instruments 4N35_05 Datasheet HTML 4Page - Texas Instruments 4N35_05 Datasheet HTML 5Page - Texas Instruments 4N35_05 Datasheet HTML 6Page - Texas Instruments 4N35_05 Datasheet HTML 7Page - Texas Instruments 4N35_05 Datasheet HTML 8Page - Texas Instruments 4N35_05 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
4N35, 4N36, 4N37
OPTOCOUPLERS
SOES021C – NOVEMBER 1981 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
The devices consist of a gallium-arsenide infrared-emitting diode and an npn silicon phototransistor. Each
device is available in a 6-terminal plastic dual-in-line package, shown in Figure 9, or in a DCJ plastic dual
surface-mount optocoupler package (see Mechanical Data).
C
L
C
0.021 (0,534)
0.015 (0,381)
6 Places
Seating Plane
L
0.300 (7,62) T.P.
(see Note A)
0.260 (6,61)
0.240 (6,09)
0.012 (0,305)
0.008 (0,203)
0.215 (5,46)
0.115 (2,92)
0.070 (1,78)
0.020 (0,51)
0.090 (2,29)
0.050 (1,27)
4 Places
0.040 (1,01) MIN
0.070 (1,78) MAX
6 Places
0.370 (9,40)
0.330 (8,38)
Index Dot
(see Note B)
105
°
90
°
1
2
3
6
5
4
(see Note C)
0.150 (3,81)
0.125 (3,17)
0.100 (2,54) T.P.
(see Note A)
NOTES: A. Terminals are within 0.005 (0,13) radius of true position (T.P.) with maximum material condition and unit installed.
B. Terminal 1 identified by index dot.
C. The dimensions given fall within JEDEC MO-001 AM dimensions.
D. All linear dimensions are in inches (millimeters).
Figure 9. Plastic Dual-in-Line Package


Podobny numer części - 4N35_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Fairchild Semiconductor
4N35300 FAIRCHILD-4N35300 Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35300W FAIRCHILD-4N35300W Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Podobny opis - 4N35_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
4N26 TI-4N26 Datasheet
151Kb / 4P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
4N35 TI-4N35_98 Datasheet
115Kb / 8P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
TIL117 TI-TIL117 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
logo
NTE Electronics
NTE74C14 NTE-NTE74C14 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Integrated CMOS/TTL Compatible Driver
logo
Unisonic Technologies
U74ACT02G-P14-R UTC-U74ACT02G-P14-R Datasheet
187Kb / 4P
   Compatible With TTL Output
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
   TTL compatible
logo
Nel Frequency Controls,...
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
   CMOS (TTL Compatible)
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
   HCMOS/TTL COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com