Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

4N35 Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części 4N35
Szczegółowy opis  COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

4N35 Arkusz danych(HTML) 2 Page - Texas Instruments

  4N35_05 Datasheet HTML 1Page - Texas Instruments 4N35_05 Datasheet HTML 2Page - Texas Instruments 4N35_05 Datasheet HTML 3Page - Texas Instruments 4N35_05 Datasheet HTML 4Page - Texas Instruments 4N35_05 Datasheet HTML 5Page - Texas Instruments 4N35_05 Datasheet HTML 6Page - Texas Instruments 4N35_05 Datasheet HTML 7Page - Texas Instruments 4N35_05 Datasheet HTML 8Page - Texas Instruments 4N35_05 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
4N35, 4N36, 4N37
OPTOCOUPLERS
SOES021C – NOVEMBER 1981 – REVISED APRIL 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CBO
Collector-base breakdown voltage
IC = 100 µA, IE = 0,
IF = 0
70†
V
V(BR)CEO
Collector-emitter breakdown voltage
IC = 10 mA,
IB = 0,
IF = 0
30†
V
V(BR)EBO
Emitter-base breakdown voltage
IE = 100 µA,
IC = 0,
IF = 0
7†
V
IR
Input diode static reverse current
VR = 6 V
10†
µA
IIO
Input-to-output current
VIO = rated peak value,
t = 8 ms
100
mA
VCE = 10 V,
IF = 10 mA,
IB = 0
10†
IC(on)
On-state collector current
VCE = 10 V,
TA = – 55°C
IF = 10 mA,
IB = 0,
4†
mA
()
VCE = 10 V,
TA = 100°C
IF = 10 mA,
IB = 0,
4†
VCE = 10 V,
IF = 0
IB = 0
1
50
nA
IC(off)
Off-state collector current
VCE = 30 V,
TA = 100°C
IF = 0,
IB = 0,
500†
µA
hFE
Transistor static forward current transfer ratio
VCE = 5 V,
IC = 10 mA,
IF = 0
500
IF = 10 mA
0.8†
1.5†
VF
Input diode static forward voltage
IF = 10 mA,
TA = – 55°C
0.9†
1.7†
V
IF = 10 mA,
TA = 100°C
0.7†
1.4†
VCE(sat)
Collector-emitter saturation voltage
IC = 0.5 mA, IF = 10 mA,
IB = 0 mA
0.3†
V
rIO
Input-to-output internal resistance
VIO = 500 V, See Note 6
1011†
Cio
Input-to-output capacitance
VIO = 0,
f = 1 MHz,
See Note 6
1
2.5†
pF
† JEDEC registered data
NOTE 6: These parameters are measured between both input-diode leads shorted together and all the phototransistor leads shorted together.
switching characteristics at 25
°C free-air temperature
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ton
Time-on time
VCC = 10 V,
IC(on) = 2 mA,
7
10
µs
toff
Turn-off time
CC
RL = 100 Ω,
C(on)
See Figure 1
7
10
µs
† JEDEC registered data


Podobny numer części - 4N35_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
   Phototransistor Optocoupler General Purpose Type
logo
Fairchild Semiconductor
4N35300 FAIRCHILD-4N35300 Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
4N35300W FAIRCHILD-4N35300W Datasheet
608Kb / 15P
   GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
More results

Podobny opis - 4N35_05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
4N26 TI-4N26 Datasheet
151Kb / 4P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
4N35 TI-4N35_98 Datasheet
115Kb / 8P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGRATED CIRCUITS
TIL117 TI-TIL117 Datasheet
297Kb / 7P
[Old version datasheet]   COMPATIBLE WITH STANDARD TTL INTEGATED CIRCUITS
logo
NTE Electronics
NTE74C14 NTE-NTE74C14 Datasheet
52Kb / 1P
   INTEGRATED CIRCUITS-TTL
logo
M/A-COM Technology Solu...
MAAD-000523 MA-COM-MAAD-000523 Datasheet
226Kb / 7P
   Integrated CMOS/TTL Compatible Driver
logo
Unisonic Technologies
U74ACT02G-P14-R UTC-U74ACT02G-P14-R Datasheet
187Kb / 4P
   Compatible With TTL Output
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
   TTL compatible
logo
Nel Frequency Controls,...
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
   CMOS (TTL Compatible)
logo
Lite-On Technology Corp...
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
   TTL INTERFACE COMPATIBLE
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
   HCMOS/TTL COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com