Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3078 Arkusz danych(PDF) 7 Page - Intersil Corporation

Numer części CA3078
Szczegółowy opis  2MHz,MicropowerOperationalAmplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3078 Arkusz danych(HTML) 7 Page - Intersil Corporation

Back Button CA3078 Datasheet HTML 3Page - Intersil Corporation CA3078 Datasheet HTML 4Page - Intersil Corporation CA3078 Datasheet HTML 5Page - Intersil Corporation CA3078 Datasheet HTML 6Page - Intersil Corporation CA3078 Datasheet HTML 7Page - Intersil Corporation CA3078 Datasheet HTML 8Page - Intersil Corporation CA3078 Datasheet HTML 9Page - Intersil Corporation CA3078 Datasheet HTML 10Page - Intersil Corporation CA3078 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 14. OUTPUT AND COMMON MODE VOLTAGE vs
SUPPLY VOLTAGE
FIGURE 15. OPEN LOOP VOLTAGE GAIN vs FREQUENCY
FIGURE 16. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 17. INPUT OFFSET CURRENT vs TEMPERATURE
FIGURE 18. INPUT BIAS CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
+100
+10
+1
-1
-10
-100
SUPPLY VOLTS (V+, V-)
0.1
1
10
100
+0.1
-0.1
-0.1
-1
-10
VICR
VOM
-VICR
-VOM
IQ = 20µA
TA = 25
oC
TA = 25
oC
RL = 10kΩ
C1- BETWEEN TERMINALS 1 AND 8
φ
120
100
80
60
40
20
0
-20
0
100
200
300
400
FREQUENCY (Hz)
0.1
1
101
102
103
104
105
106
VS = ±6
IQ = 20µA
C1 = 0pF
C1 = 30pF
C1 = 10pF
100
300
1000
125
VS = ±6
100
75
50
25
0
-25
-50
-75
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
CA3078
IQ = 100µA
CA3078A
IQ = 20µA
TEMPERATURE (oC)
125
100
75
50
25
0
-25
-50
-75
0.5
1.0
1.5
2.0
2.5
TEMPERATURE (oC)
CA3078A
IQ = 20µA
VS = ±6
CA3078
IQ = 100µA
10
8
6
4
2
0
0
125
100
75
50
25
0
-25
-50
-75
2.5
5.0
7.5
10.0
12.5
TEMPERATURE (oC)
CA3078A
IQ = 20µA
VS = ±6
CA3078
IQ = 100µA
100
75
50
25
15.0
00
CA3078, CA3078A


Podobny numer części - CA3078

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3078 INTERSIL-CA3078 Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
   Micropower Operational Amplifier Low Standby Power
logo
Intersil Corporation
CA3078A INTERSIL-CA3078A Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
CA3078A96 INTERSIL-CA3078A96 Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
CA3078AE INTERSIL-CA3078AE Datasheet
152Kb / 12P
   2MHz, Micropower Operational Amplifier
December 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com