Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3102E Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części CA3102E
Szczegółowy opis  Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3102E Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button CA3102E Datasheet HTML 3Page - Intersil Corporation CA3102E Datasheet HTML 4Page - Intersil Corporation CA3102E Datasheet HTML 5Page - Intersil Corporation CA3102E Datasheet HTML 6Page - Intersil Corporation CA3102E Datasheet HTML 7Page - Intersil Corporation CA3102E Datasheet HTML 8Page - Intersil Corporation CA3102E Datasheet HTML 9Page - Intersil Corporation CA3102E Datasheet HTML 10Page - Intersil Corporation CA3102E Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FIGURE 28. FORWARD TRANSFER ADMITTANCE (Y21) vs
COLLECTOR SUPPLY VOLTAGE
FIGURE 29. FORWARD TRANSFER ADMITTANCE (Y21) vs
COLLECTOR SUPPLY VOLTAGE
FIGURE 30. FORWARD TRANSFER ADMITTANCE (Y21) vs
EMITTER CURRENT
FIGURE 31. FORWARD TRANSFER ADMITTANCE (Y21) vs
EMITTER CURRENT
Typical Performance Curves (Continued)
20
10
0
-10
-20
-30
0
g21
b21
CASCODE AMPLIFIER
I3 = I9 = 2mA
TA = 25
oC
f = 200MHz
510
15
20
25
30
35
COLLECTOR SUPPLY VOLTAGE (V)
20
15
10
5
0
-5
-10
-15
010
20
30
40
COLLECTOR SUPPLY VOLTAGE (V)
b21
g21
DIFFERENTIAL AMPLIFIER
I3 = I9 = 4mA
TA = 25
oC
f = 200MHz
b21
g21
40
30
20
10
0
-10
-20
-30
-40
-50
-60
-70
-80
02
46
8
10
12
14
EMITTER CURRENT (I3 OR I9) (mA)
CASCODE AMPLIFIER
VCC = 12V
TA = 25
oC
f = 200MHz
EMITTER CURRENT (I3 OR I9) (mA)
04
8
12
16
50
40
30
20
10
0
-10
-20
b21
g21
DIFFERENTIAL AMPLIFIER
VCC = 12V
TA = 25
oC
f = 200MHz
CA3102


Podobny numer części - CA3102E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3102E INTERSIL-CA3102E Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
logo
Renesas Technology Corp
CA3102E RENESAS-CA3102E Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102E10SL4PB ITT-CA3102E10SL4PB Datasheet
205Kb / 1P
   Box mounting receptacle
CA3102E14S-2PBA232 ITT-CA3102E14S-2PBA232 Datasheet
204Kb / 1P
   Box mounting receptacle Solder Cup / Pin / Layout: 14S-2
CA3102E20-27PWF80 ITT-CA3102E20-27PWF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
More results

Podobny opis - CA3102E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Sanyo Semicon Device
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
logo
Sanyo Semicon Device
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com