Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3127MZ Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3127MZ
Szczegółowy opis  High Frequency NPN Transistor Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3127MZ Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3127MZ Datasheet HTML 1Page - Intersil Corporation CA3127MZ Datasheet HTML 2Page - Intersil Corporation CA3127MZ Datasheet HTML 3Page - Intersil Corporation CA3127MZ Datasheet HTML 4Page - Intersil Corporation CA3127MZ Datasheet HTML 5Page - Intersil Corporation CA3127MZ Datasheet HTML 6Page - Intersil Corporation CA3127MZ Datasheet HTML 7Page - Intersil Corporation CA3127MZ Datasheet HTML 8Page - Intersil Corporation CA3127MZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
High Frequency NPN Transistor Array
The CA3127 consists of five general purpose silicon NPN
transistors on a common monolithic substrate. Each of the
completely isolated transistors exhibits low 1/f noise and a
value of fT in excess of 1GHz, making the CA3127 useful
from DC to 500MHz. Access is provided to each of the
terminals for the individual transistors and a separate
substrate connection has been provided for maximum
application flexibility. The monolithic construction of the
CA3127 provides close electrical and thermal matching of
the five transistors.
Features
• Gain Bandwidth Product (fT) . . . . . . . . . . . . . . . . . >1GHz
• Power Gain . . . . . . . . . . . . . . . . . . 30dB (Typ) at 100MHz
• Noise Figure. . . . . . . . . . . . . . . . . 3.5dB (Typ) at 100MHz
• Five Independent Transistors on a Common Substrate
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• VHF Amplifiers
• Multifunction Combinations - RF/Mixer/Oscillator
• Sense Amplifiers
• Synchronous Detectors
• VHF Mixers
• IF Converter
• IF Amplifiers
• Synthesizers
• Cascade Amplifiers
Pinout
CA3127 (SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
CA3127M
CA3127
-55 to 125
16 Ld SOIC
M16.15
CA3127MZ
(Note)
CA3127MZ
-55 to 125
16 Ld SOIC
(Pb-free)
M16.15
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
Q2
Q3
Q4
Q5
Q1
CA3127
FN662.5
Data Sheet
June 5, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2006. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - CA3127MZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
CA3127MZ RENESAS-CA3127MZ Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
More results

Podobny opis - CA3127MZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3127 INTERSIL-CA3127 Datasheet
60Kb / 7P
   High Frequency NPN Transistor Array
August 1996
logo
NEC
UPA102 NEC-UPA102 Datasheet
54Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA103 NEC-UPA103 Datasheet
73Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
UPA104 NEC-UPA104 Datasheet
65Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Renesas Technology Corp
CA3127 RENESAS-CA3127 Datasheet
455Kb / 9P
   High Frequency NPN Transistor Array
logo
NEC
UPA101 NEC-UPA101 Datasheet
63Kb / 8P
   HIGH FREQUENCY NPN TRANSISTOR ARRAY
logo
Intersil Corporation
HS-6254RH INTERSIL-HS-6254RH Datasheet
31Kb / 3P
   Radiation Hardened Ultra High Frequency NPN Transistor Array
HFA3127 INTERSIL-HFA3127 Datasheet
54Kb / 7P
   Ultra High Frequency Transistor Array
February 1995
logo
Solid States Devices, I...
SPT3571 SSDI-SPT3571 Datasheet
496Kb / 4P
   HIGH FREQUENCY TRANSISTOR NPN
logo
Samsung semiconductor
MPS5179 SAMSUNG-MPS5179 Datasheet
34Kb / 1P
   NPN (HIGH FREQUENCY TRANSISTOR)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com