Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3130M96 Arkusz danych(PDF) 2 Page - Intersil Corporation

Numer części CA3130M96
Szczegółowy opis  15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3130M96 Arkusz danych(HTML) 2 Page - Intersil Corporation

  CA3130M96 Datasheet HTML 1Page - Intersil Corporation CA3130M96 Datasheet HTML 2Page - Intersil Corporation CA3130M96 Datasheet HTML 3Page - Intersil Corporation CA3130M96 Datasheet HTML 4Page - Intersil Corporation CA3130M96 Datasheet HTML 5Page - Intersil Corporation CA3130M96 Datasheet HTML 6Page - Intersil Corporation CA3130M96 Datasheet HTML 7Page - Intersil Corporation CA3130M96 Datasheet HTML 8Page - Intersil Corporation CA3130M96 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (Between V+ And V- Terminals) . . . . . . . . . .16V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) to (V- -0.5V)
Input-Terminal Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short-Circuit Duration (Note 1) . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -50oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package*. . . . . . . . . . . . . . . . . . .
115
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
160
N/A
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder process-
ing only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Short circuit may be applied to ground or to either supply.
2.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V+ = 15V, V- = 0V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
CA3130
CA3130A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
|VIO|VS = ±7.5V
-
8
15
-
2
5
mV
Input Offset Voltage
Temperature Drift
∆VIO/∆T
-
10
-
-
10
-
µV/oC
Input Offset Current
|IIO|VS = ±7.5V
-
0.5
30
-
0.5
20
pA
Input Current
II
VS = ±7.5V
-
5
50
-
5
30
pA
Large-Signal Voltage Gain
AOL
VO = 10VP-P
RL = 2kΩ
50
320
-
50
320
-
kV/V
94
110
-
94
110
-
dB
Common-Mode
Rejection Ratio
CMRR
70
90
-
80
90
-
dB
Common-Mode Input
Voltage Range
VICR
0
-0.5 to 12
10
0
-0.5 to 12
10
V
Power-Supply
Rejection Ratio
∆VIO/∆VS
VS = ±7.5V
-
32
320
-
32
150
µV/V
Maximum Output Voltage
VOM+RL = 2kΩ
12
13.3
-
12
13.3
-
V
VOM-RL = 2kΩ
-
0.002
0.01
-
0.002
0.01
V
VOM+RL =
14.99
15
-
14.99
15
-
V
VOM-RL =
-
0
0.01
-
0
0.01
V
Maximum Output Current
IOM+ (Source) at VO = 0V
12
22
45
12
22
45
mA
IOM- (Sink) at VO = 15V
12
20
45
12
20
45
mA
Supply Current
I+
VO = 7.5V,
RL =
-
10
15
-
10
15
mA
I+
VO = 0V,
RL =
-2
3-2
3
mA
CA3130, CA3130A


Podobny numer części - CA3130M96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3130M96 INTERSIL-CA3130M96 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3130M96 RENESAS-CA3130M96 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
More results

Podobny opis - CA3130M96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
HCA10014 INTERSIL-HCA10014 Datasheet
521Kb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
August 1999
logo
Renesas Technology Corp
CA3130 RENESAS-CA3130 Datasheet
1Mb / 17P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA5130 INTERSIL-CA5130 Datasheet
638Kb / 19P
   15MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3160 INTERSIL-CA3160 Datasheet
926Kb / 17P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
logo
Renesas Technology Corp
CA3260 RENESAS-CA3260 Datasheet
289Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
logo
Intersil Corporation
CA3260 INTERSIL-CA3260 Datasheet
148Kb / 4P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA3260 INTERSIL-CA3260_06 Datasheet
140Kb / 3P
   4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
CA5160 INTERSIL-CA5160_03 Datasheet
653Kb / 19P
   4MHz, BiMOS Microprocessor Operational Amplifier with MOSFET Input/CMOS Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com