Zakładka z wyszukiwarką danych komponentów |
|
LM324KDRE4 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
LM324KDRE4 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 24 page LM124, LM124A, LM224, LM224A, LM324, LM324A, LM2902, LM2902V, LM224K, LM224KA, LM324K, LM324KA, LM2902K, LM2902KV, LM2902KAV QUADRUPLE OPERATIONAL AMPLIFIERS SLOS066R − SEPTEMBER 1975 − REVISED JANUARY 2005 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† TA‡ LM2902 LM2902V UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP § MAX MIN TYP § MAX UNIT VCC = 5 V to Non-A-suffix 25 °C 3 7 3 7 VIO Input offset voltage VCC = 5 V to MAX, Non-A-suffix devices Full range 10 10 mV VIO Input offset voltage MAX, VIC = VICRmin, VO = 1.4 V A-suffix 25 °C 1 2 mV VIC = VICRmin, VO = 1.4 V A-suffix devices Full range 4 ∆VIO/∆T Input offset voltage temperature drift RS = 0 Ω Full range 7 µV/°C IIO Input offset current VO = 1.4 V 25 °C 2 50 2 50 nA IIO Input offset current VO = 1.4 V Full range 300 150 nA ∆IIO/∆T Input offset current temperature drift Full range 10 pA/ °C IIB Input bias current VO = 1.4 V 25 °C −20 −250 −20 −250 nA IIB Input bias current VO = 1.4 V Full range −500 −500 nA 25 °C 0 to 0 to VICR Common-mode VCC = 5 V to MAX 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common-mode input voltage range VCC = 5 V to MAX Full range 0 to 0 to V input voltage range Full range 0 to VCC − 2 0 to VCC − 2 RL = 2 kΩ 25 °C VOH High-level RL = 10 kΩ 25 °C VCC − 1.5 VCC − 1.5 V VOH High-level output voltage VCC = MAX RL = 2 kΩ Full range 22 26 V output voltage VCC = MAX RL ≥ 10 kΩ Full range 23 24 27 VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV AVD Large-signal differential voltage VCC = 15 V, VO = 1 V to 11 V, 25 °C 25 100 25 100 V/mV AVD differential voltage amplification VCC = 15 V, VO = 1 V to 11 V, RL ≥ 2 kΩ Full range 15 15 V/mV CMRR Common-mode rejection ratio VIC = VICRmin 25 °C 50 80 60 80 dB kSVR Supply-voltage rejection ratio 25 °C 50 100 60 100 dB kSVR rejection ratio ( ∆VCC /∆VIO) 25 °C 50 100 60 100 dB VO1/VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25 °C 120 120 dB VCC = 15 V, VID = 1 V, Source 25 °C −20 −30 −60 −20 −30 −60 VCC = 15 V, VID = 1 V, VO = 0 Source Full range −10 −10 mA IO Output current VCC = 15 V, VID = −1 V, Sink 25 °C 10 20 10 20 mA O VCC = 15 V, VID = −1 V, VO = 15 V Sink Full range 5 5 VID = −1 V, VO = 200 mV 25 °C 30 12 40 µA IOS Short-circuit output current VCC at 5 V, GND at −5 V VO = 0, 25 °C ±40 ±60 ±40 ±60 mA Supply current VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 ICC Supply current (four amplifiers) VCC = MAX, VO = 0.5 VCC, No load Full range 1.4 3 1.4 3 mA † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2902 and 32 V for LM2902V. ‡ Full range is −40°C to 125°C for LM2902. § All typical values are at TA = 25°C. |
Podobny numer części - LM324KDRE4 |
|
Podobny opis - LM324KDRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |