Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3338A Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części CA3338A
Szczegółowy opis  CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3338A Arkusz danych(HTML) 1 Page - Intersil Corporation

  CA3338A Datasheet HTML 1Page - Intersil Corporation CA3338A Datasheet HTML 2Page - Intersil Corporation CA3338A Datasheet HTML 3Page - Intersil Corporation CA3338A Datasheet HTML 4Page - Intersil Corporation CA3338A Datasheet HTML 5Page - Intersil Corporation CA3338A Datasheet HTML 6Page - Intersil Corporation CA3338A Datasheet HTML 7Page - Intersil Corporation CA3338A Datasheet HTML 8Page - Intersil Corporation CA3338A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Harris Corporation 1997. Copyright Intersil Americas Inc. 2003, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
CMOS Video Speed, 8-Bit, 50 MSPS, R2R
D/A Converters
The CA3338 family are CMOS/SOS high speed R2R voltage
output digital-to-analog converters. They can operate from a
single +5V supply, at video speeds, and can produce
“rail-to-rail” output swings. Internal level shifters and a pin for
an optional second supply provide for an output range below
digital ground. The data complement control allows the
inversion of input data while the latch enable control provides
either feedthrough or latched operation. Both ends of the
R2R ladder network are available externally and may be
modulated for gain or offset adjustments. In addition, “glitch”
energy has been kept very low by segmenting and
thermometer encoding of the upper 3 bits.
The CA3338 is manufactured on a sapphire substrate to give
low dynamic power dissipation, low output capacitance, and
inherent latch-up resistance.
Ordering Information
Features
• CMOS/SOS Low Power
• R2R Output, Segmented for Low “Glitch”
• CMOS/TTL Compatible Inputs
• Fast Settling: (Typ) to 1/2 LSB . . . . . . . . . . . . . . . . . . 20ns
• Feedthrough Latch for Clocked or Unclocked Use
• Accuracy (Typ) . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.5 LSB
• Data Complement Control
• High Update Rate (Typ) . . . . . . . . . . . . . . . . . . . . . 50MHz
• Unipolar or Bipolar Operation
• Pb-free Available
Applications
• TV/Video Display
• High Speed Oscilloscope Display
• Digital Waveform Generator
• Direct Digital Synthesis
Pinout
CA3338, CA3338A
(PDIP, SOIC)
TOP VIEW
PART
NUMBER
LINEARITY
(INL, DNL)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
CA3338E
±1.0 LSB
-40 to 85
16 Ld PDIP E16.3
CA3338EZ
(Note)
±1.0 LSB
-40 to 85
16 Ld PDIP
(Pb-free)
E16.3
CA3338AE
±0.75 LSB
-40 to 85
16 Ld PDIP E16.3
CA3338AEZ
(Note)
±0.75 LSB
-40 to 85
16 Ld PDIP
(Pb-free)
E16.3
CA3338M
±1.0 LSB
-40 to 85
16 Ld SOIC M16.3
CA3338MZ
(Note)
±1.0 LSB
-40 to 85
16 Ld SOIC
(Pb-free)
M16.3
CA3338AM
±0.75 LSB
-40 to 85
16 Ld SOIC M16.3
CA3338AMZ
(Note)
±0.75 LSB
-40 to 85
16 Ld SOIC
(Pb-free)
M16.3
Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which is compatible with both SnPb and Pb-free
soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J Std-020B.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
D7
D6
D5
D4
D3
D2
VSS
D1
VDD
COMP
VREF+
VOUT
VREF-
VEE
D0
LE
FN1850.4
CA3338, CA3338A
Data Sheet
July 2004


Podobny numer części - CA3338A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3338A INTERSIL-CA3338A Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338AD INTERSIL-CA3338AD Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
CA3338AE INTERSIL-CA3338AE Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
logo
Renesas Technology Corp
CA3338AE RENESAS-CA3338AE Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
CA3338AEZ RENESAS-CA3338AEZ Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
More results

Podobny opis - CA3338A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CA3338 INTERSIL-CA3338 Datasheet
59Kb / 7P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
August 1997
logo
Renesas Technology Corp
CA3338 RENESAS-CA3338 Datasheet
509Kb / 10P
   CMOS Video Speed, 8-Bit, 50 MSPS, R2R D/A Converters
logo
Intersil Corporation
HI3338 INTERSIL-HI3338 Datasheet
60Kb / 8P
   8-Bit, CMOS R2R D/A Converter
August 1997
logo
Renesas Technology Corp
HI3338 RENESAS-HI3338 Datasheet
491Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
Intersil Corporation
HI3338 INTERSIL-HI3338_04 Datasheet
267Kb / 9P
   8-Bit, CMOS R2R D/A Converter
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
CA3318 INTERSIL-CA3318 Datasheet
86Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
August 1997
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
HI2302 INTERSIL-HI2302 Datasheet
167Kb / 16P
   8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
November 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com