Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS82C59AZ96 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części CS82C59AZ96
Szczegółowy opis  CMOS Priority Interrupt Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C59AZ96 Arkusz danych(HTML) 8 Page - Intersil Corporation

Back Button CS82C59AZ96 Datasheet HTML 4Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 5Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 6Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 7Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 8Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 9Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 10Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 11Page - Intersil Corporation CS82C59AZ96 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
FN2784.5
March 17, 2006
When interval = 4 bits, A5 - A7 are programmed, while
A0 - A4 are automatically inserted by the 82C59A. When
interval = 8, only A6 and A7 are programmed, while A0 - A5
are automatically inserted.
During the third INTA pulse, the higher address of the
appropriate service routine, which was programmed as byte 2
of the initialization sequence (A8 - A15), is enabled onto the
bus.
80C86, 8OC88, 80C286 Interrupt Response Mode
80C86/88/286 mode is similar to 8080/85 mode except that
only two Interrupt Acknowledge cycles are issued by the
processor and no CALL opcode is sent to the processor. The
first interrupt acknowledge cycle is similar to that of 8080/85
systems in that the 82C59A uses it to internally freeze the
state of the interrupts for priority resolution and, as a master,
it issues the interrupt code on the cascade lines. On this first
cycle, it does not issue any data to the processor and leaves
its data bus buffers disabled. On the second interrupt
acknowledge cycle in the 86/88/286 mode, the master (or
slave if so programmed) will send a byte of data to the
processor with the acknowledged interrupt code composed
as follows (note the state of the ADI mode control is ignored
and A5 - A11 are unused in the 86/88/286 mode).
Programming the 82C59A
The 82C59A accepts two types of command words
generated by the CPU:
1. Initialization Command Words (ICWs): Before normal
operation can begin, each 82C59A in the system must be
brought to a starting point - by a sequence of 2 to 4 bytes
timed by WR pulses.
2. Operation Command Words (OCWs): These are the
command words which command the 82C59A to operate
in various interrupt modes. Among these modes are:
a. Fully nested mode.
b. Rotating priority mode.
c. Special mask mode.
d. Polled mode.
The OCWs can be written into the 82C59A anytime after
initialization.
Initialization Command Words (lCWs)
General
Whenever a command is issued with A0 = 0 and D4 = 1, this
is interpreted as Initialization Command Word 1 (lCW1).
lCW1 starts the initialization sequence during which the
following automatically occur:
a. The edge sense circuit is reset, which means that follow-
ing initialization, an interrupt request (IR) input must make
a low-to-high transition to generate an interrupt.
b. The Interrupt Mask Register is cleared.
c. lR7 input is assigned priority 7.
d. Special Mask Mode is cleared and Status Read is set to
lRR.
CONTENT OF SECOND INTERRUPT VECTOR BYTE
IR
INTERVAL = 4
D7
D6
D5
D4
D3
D2
D1
D0
7
A7
A6
A5
11100
6
A7
A6
A5
11000
5
A7
A6
A5
10100
4
A7
A6
A5
10000
3
A7
A6
A5
01100
2
A7
A6
A5
01000
1
A7
A6
A5
00100
0
A7
A6
A5
00000
IR
INTERVAL = 8
D7
D6
DS
D4
D3
D2
D1
D0
7
A7
A6
111000
6
A7
A6
110000
5
A7
A6
101000
4
A7
A6
100000
3
A7
A6
011000
2
A7
A6
010000
1
A7
A6
001000
0
A7
A6
000000
CONTENT OF THIRD INTERRUPT VECTOR BYTE
D7
D6
D5
D4
D3
D2
D1
D0
A15
A14
A13
A12
A11
A10
A9
A8
CONTENT OF INTERRUPT VECTOR BYTE FOR
80C86/88/286 SYSTEM MODE
D7
D6
D5
D4
D3
D2
D1
D0
lR7
T7T6T5T4T3
1
1
1
lR6
T7T6T5T4T3
1
1
0
IR5
T7T6T5T4T3
1
0
1
IR4
T7T6T5T4T3
1
0
0
IR3
T7T6T5T4T3
0
1
1
IR2
T7T6T5T4T3
0
1
0
IR1
T7T6T5T4T3
0
0
1
IR0
T7T6T5T4T3
0
0
0
82C59A
82C59A


Podobny numer części - CS82C59AZ96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CS82C59A INTERSIL-CS82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-12 INTERSIL-CS82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-5 INTERSIL-CS82C59A-5 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Podobny opis - CS82C59AZ96

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com