Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC3303N Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części MC3303N
Szczegółowy opis  QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

MC3303N Arkusz danych(HTML) 1 Page - Texas Instruments

  MC3303N Datasheet HTML 1Page - Texas Instruments MC3303N Datasheet HTML 2Page - Texas Instruments MC3303N Datasheet HTML 3Page - Texas Instruments MC3303N Datasheet HTML 4Page - Texas Instruments MC3303N Datasheet HTML 5Page - Texas Instruments MC3303N Datasheet HTML 6Page - Texas Instruments MC3303N Datasheet HTML 7Page - Texas Instruments MC3303N Datasheet HTML 8Page - Texas Instruments MC3303N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MC3303, MC3403
QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
SLOS101C – FEBRUARY 1979 – REVISED FEBRUARY 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Range of Supply Voltages, Single
Supply ...3 V to 36 V or Dual Supplies
D Class AB Output Stage
D True Differential Input Stage
D Low Input Bias Current
D Internal Frequency Compensation
D Short-Circuit Protection
D Designed to Be Interchangeable With
Motorola MC3303, MC3403
description
The MC3303 and the MC3403 are quadruple operational amplifiers similar in performance to the
µA741, but
with several distinct advantages. They are designed to operate from a single supply over a range of voltages
from 3 V to 36 V. Operation from split supplies also is possible, provided the difference between the two supplies
is 3 V to 36 V. The common-mode input range includes the negative supply. Output range is from the negative
supply to VCC – 1.5 V. Quiescent supply currents are less than one-half those of the µA741.
The MC3303 is characterized for operation from –40
°C to 85°C, and the MC3403 is characterized for operation
from 0
°C to 70°C.
AVAILABLE OPTIONS
PACKAGE
TA
VIOMAX
AT 25
°C
PLASTIC
SMALL OUTLINE
(D, NS)
PLASTIC SHRINK
SMALL OUTLINE
(DB)
PLASTIC
DIP
(N)
PLASTIC
THIN SHRINK
SMALL OUTLINE
(PW)
0
°C to 70°C
10 mV
MC3403D
MC3403NS
MC3403DB
MC3403N
MC3403PW
–40
°C to 85°C
8 mV
MC3303D
MC3303N
MC3303PW
The D package is available taped and reeled. Add R suffix to the device type (e.g., MC3403DR). The DB, NS,
and PW packages are only available taped and reeled.
logic diagram (each amplifier)
IN+
OUT
IN–
+
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN–
1IN+
VCC+
2IN+
2IN–
2OUT
4OUT
4IN–
4IN+
VCC–
3IN+
3IN–
3OUT
MC3303 ...D, N, OR PW PACKAGE
MC3403 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)


Podobny numer części - MC3303N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
MC3303N STMICROELECTRONICS-MC3303N Datasheet
322Kb / 11P
   LOW POWER QUAD BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
logo
Texas Instruments
MC3303N TI-MC3303N Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
MC3303N TI1-MC3303N Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
MC3303NE4 TI1-MC3303NE4 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
More results

Podobny opis - MC3303N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Global Mixed-mode Techn...
G1544 GMT-G1544 Datasheet
661Kb / 1P
   Low Power Quadruple Operational Amplifiers
logo
Texas Instruments
MC3303 TI1-MC3303_16 Datasheet
982Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
MC3303 TI-MC3303 Datasheet
105Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER OPERATIONAL AMPLIFIERS
logo
Global Mixed-mode Techn...
G1540 GMT-G1540 Datasheet
857Kb / 1P
   Low Power Quadruple Operational Amplifiers
G1559 GMT-G1559 Datasheet
478Kb / 1P
   Low Power Quadruple Operational Amplifiers
logo
Texas Instruments
LP324 TI-LP324_10 Datasheet
308Kb / 10P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324 TI-LP324 Datasheet
240Kb / 9P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
LP324_101 TI-LP324_101 Datasheet
411Kb / 12P
[Old version datasheet]   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LP324 NSC-LP324_14 Datasheet
789Kb / 13P
   ULTRA-LOW-POWER QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com