Zakładka z wyszukiwarką danych komponentów |
|
SN74AVC2T45 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
|
SN74AVC2T45 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 20 page www.ti.com Electrical Characteristics (1) (2) SN74AVC2T45 DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES531I – DECEMBER 2003 – REVISED JANUARY 2007 over recommended operating free-air temperature range (unless otherwise noted) TA = 25°C –40 °C to 85°C PARAMETER TEST CONDITIONS VCCA VCCB UNIT MIN TYP MAX MIN MAX IOH = –100 µA 1.2 V to 3.6 V 1.2 V to 3.6 V VCCO – 0.2 V IOH = –3 mA 1.2 V 1.2 V 0.95 IOH = –6 mA 1.4 V 1.4 V 1.05 VOH VI = VIH V IOH = –8 mA 1.65 V 1.65 V 1.2 IOH = –9 mA 2.3 V 2.3 V 1.75 IOH = –12 mA 3 V 3 V 2.3 IOL = 100 µA 1.2 V to 3.6 V 1.2 V to 3.6 V 0.2 IOL = 3 mA 1.2 V 1.2 V 0.25 IOL = 6 mA 1.4 V 1.4 V 0.35 VOL VI = VIL V IOL = 8 mA 1.65 V 1.65 V 0.45 IOL = 9 mA 2.3 V 2.3 V 0.55 IOL = 12 mA 3 V 3 V 0.7 II DIR VI = VCCA or GND 1.2 V to 3.6 V 1.2 V to 3.6 V ±0.025 ±0.25 ±1 µA A port 0 V 0 to 3.6 V ±0.1 ±1 ±5 Ioff VI or VO = 0 to 3.6 V µA B port 0 to 3.6 V 0 V ±0.1 ±1 ±5 A or B IOZ VO = VCCO or GND 1.2 V to 3.6 V 1.2 V to 3.6 V ±0.5 ±2.5 ±5 µA port 1.2 V to 3.6 V 1.2 V to 3.6 V 10 ICCA VI = VCCI or GND, IO = 0 0 V 3.6 V –2 µA 3.6 V 0 V 10 1.2 V to 3.6 V 1.2 V to 3.6 V 10 ICCB VI = VCCI or GND, IO = 0 0 V 3.6 V 10 µA 3.6 V 0 V –2 ICCA + ICCB VI = VCCI or GND, IO = 0 1.2 V to 3.6 V 1.2 V to 3.6 V 20 µA (see Table 1) Control CI VI = 3.3 V or GND 3.3 V 3.3 V 2.5 pF inputs A or B Cio VO = 3.3 V or GND 3.3 V 3.3 V 6 pF port (1) VCCO is the VCC associated with the output port. (2) VCCI is the VCC associated with the input port. 5 Submit Documentation Feedback |
Podobny numer części - SN74AVC2T45 |
|
Podobny opis - SN74AVC2T45 |