Zakładka z wyszukiwarką danych komponentów |
|
SN74AVC32T245 Arkusz danych(PDF) 6 Page - Texas Instruments |
|
SN74AVC32T245 Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 17 page www.ti.com Electrical Characteristics SN74AVC32T245 32-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES553D – MAY 2004 – REVISED JULY 2006 over recommended operating free-air temperature range (unless otherwise noted)(1)(2) TA = 25°C -40 °C TO 85°C PARAMETER TEST CONDITIONS VCCA VCCB UNIT MIN TYP MAX MIN MAX IOH = –100 µA 1.2 V to 3.6 V 1.2 V to 3.6 V VCCO – 0.2 V IOH = –3 mA 1.2 V 1.2 V 0.95 IOH = –6 mA 1.4 V 1.4 V 1.05 VOH VI = VIH V IOH = –8 mA 1.65 V 1.65 V 1.2 IOH = –9 mA 2.3 V 2.3 V 1.75 IOH = –12 mA 3 V 3 V 2.3 IOL = 100 µA 1.2 V to 3.6 V 1.2 V to 3.6 V 0.2 IOL = 3 mA 1.2 V 1.2 V 0.15 IOL = 6 mA 1.4 V 1.4 V 0.35 VOL VI = VIL V IOL = 8 mA 1.65 V 1.65 V 0.45 IOL = 9 mA 2.3 V 2.3 V 0.55 IOL = 12 mA 3 V 3 V 0.7 Control II VI = VCCA or GND 1.2 V to 3.6 V 1.2 V to 3.6 V ±0.025 ±0.25 ±1 µA inputs A or B 0 V 0 to 3.6 V ±0.1 ±2.5 ±5 port Ioff VI or VO = 0 to 3.6 V µA A or B 0 to 3.6 V 0 V ±0.1 ±2.5 ±5 port VO = VCCO or GND, A or B IOZ(3) VI = VCCI or GND, 3.6 V 3.6 V ±0.5 ±2.5 ±5 µA port OE =VIH 1.2 V to 3.6 V 1.2 V to 3.6 V 50 ICCA VI = VCCI or GND, IO = 0 0 V 3.6 V –10 µA 3.6 V 0 V 50 1.2 V to 3.6 V 1.2 V to 3.6 V 50 ICCB VI = VCCI or GND, IO = 0 0 V 3.6 V 50 µA 3.6 V 0 V –10 ICCA + ICCB VI = VCCI or GND, IO = 0 1.2 V to 3.6 V 1.2 V to 3.6 V 90 µA Control Ci VI = 3.3 V or GND 3.3 V 3.3 V 3.5 pF inputs A or B Cio VO = 3.3 V or GND 3.3 V 3.3 V 7 pF port (1) VCCO is the VCC associated with the output port. (2) VCCI is the VCC associated with the input port. (3) For I/O ports, the parameter IOZ includes the input leakage current. 6 Submit Documentation Feedback |
Podobny numer części - SN74AVC32T245_07 |
|
Podobny opis - SN74AVC32T245_07 |