Zakładka z wyszukiwarką danych komponentów |
|
SN74AVCAH164245KR Arkusz danych(PDF) 8 Page - Texas Instruments |
|
SN74AVCAH164245KR Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 16 page www.ti.com Switching Characteristics Switching Characteristics Operating Characteristics SN74AVCAH164245 16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS SCES396A – JULY 2002 – REVISED JUNE 2005 over recommended operating free-air temperature range, V CCA = 2.5 V ± 0.2 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.6 6 1.8 5.6 1.5 4 1.4 3.4 tpd ns B A 1.3 4.6 1.7 4.4 1.5 4 1.4 3.7 A 2.6 7.4 2.7 7.2 2.2 5.3 2 4.5 ten OE ns B 1.2 4.1 2.2 5.1 2.2 5.3 2.2 5.3 A 2 5.7 2.3 5.7 1.4 3.7 1.6 4 tdis OE ns B 0.9 4.5 1.7 4.5 1.4 3.7 1.4 3.7 over recommended operating free-air temperature range, V CCA = 3.3 V ± 0.3 V (see Figure 2) VCCB = 1.5 V VCCB = 1.8 V VCCB = 2.5 V VCCB = 3.3 V FROM TO ± 0.1 V ± 0.15 V ± 0.2 V ± 0.3 V PARAMETER UNIT (INPUT) (OUTPUT) MIN MAX MIN MAX MIN MAX MIN MAX A B 1.5 5.9 1.7 5.4 1.5 3.7 1.4 3.1 tpd ns B A 1.3 4.5 1.6 3.8 1.5 3.3 1.4 3.1 A 2.5 7 2.6 6.9 2.1 5 1.9 4.1 ten OE ns B 0.8 2.6 1.9 4 2 4.1 1.9 4.1 A 1.2 5.4 2.2 5.2 1.2 3.3 1.5 3.6 tdis OE ns B 1.2 5.4 1.7 4.4 1.5 3.6 1.5 3.6 V CCA and VCCB = 3.3 V, TA = 25°C PARAMETER TEST CONDITIONS TYP UNIT Outputs enabled 14 Power dissipation capacitance per transceiver, A-port input, B-port output Outputs disabled 7 CpdA CL = 0, f = 10 MHz pF Outputs enabled 20 Power dissipation capacitance per transceiver, B-port input, A-port output Outputs disabled 7 Outputs enabled 14 Power dissipation capacitance per transceiver, A-port input, B-port output Outputs disabled 7 CpdB CL = 0, f = 10 MHz pF Outputs enabled 20 Power dissipation capacitance per transceiver, B-port input, A-port output Outputs disabled 7 8 |
Podobny numer części - SN74AVCAH164245KR |
|
Podobny opis - SN74AVCAH164245KR |