Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


HA-2850_03 Datasheet(Arkusz danych) 2 Page - Intersil Corporation

Numer części HA-2850_03
Szczegółowy opis  470MHz, Low Power, High Slew Rate Operational Amplifier
Pobierz  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo 

   
 2 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 35V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Operating Conditions
Temperature Range
HA-2850-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Recommended Supply Voltage Range . . . . . . . . . . . .
±6V To ±15V
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
8 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . .
157
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package, Note 2) . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Maximum power dissipation, including output load, must be designed to maintain the maximum junction temperature below 150oC for plastic
packages.
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP. (oC)
HA-2850-5
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage (Note 9)
25
-
0.6
2
mV
Full
-
2
6
mV
Average Offset Voltage Drift
Full
-
20
-
µV/oC
Bias Current (Note 9)
25
-
5
14.5
µA
Full
-
8
20
µA
Offset Current
25
-
1
4
µA
Full
-
-
8
µA
Input Resistance
25
-
10
-
k
Input Capacitance
25
-
1
-
pF
Common Mode Range
Full
±10
-
-
V
Input Noise Voltage (Note 9)
f = 1kHz, RSOURCE = 0Ω
25
-
11
-
Input Noise Current (Note 9)
f = 1kHz, RSOURCE = 10kΩ
25
-
6
-
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
Note 4
25
20
25
-
kV/V
Full
15
20
-
kV/V
Common-Mode Rejection Ratio (Note 9)
VCM = ±10V
Full
75
80
-
dB
Minimum Stable Gain
25
10
-
-
V/V
Gain Bandwidth Product (Note 9)
VO = 90mV, AV = 100
25
-
470
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing (Note 9)
Note 4
Full
±10
±11
-
V
Output Current (Note 9)
Note 4
Full
±10
±20
-
mA
Output Resistance
25
-
30
-
Full Power Bandwidth (Note 5)
Note 4
25
4.8
5.4
-
MHz
Differential Gain
AV = +10, Note 3
25
-
0.04
-
%
Differential Phase
AV = +10, Note 3
25
-
0.04
-
Degrees
Harmonic Distortion (Note 9)
AV = +10, VO = 2VP-P, f = 1MHz
25
-
-74
-
dBc
nV Hz
pA
Hz
HA-2850




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MC34072_05HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MC34074HIGH SLEW RATE WIDE BANDWIDTH SINGLE SUPPLY OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
ICL8021High Reliability Low Power Bipolar Operational Amplifier 1 2 3 4 5 Intersil Corporation
HA-2842_0480MHz High Slew Rate High Output Current Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
LH4124CHIGH SLEW RATE OPERATIONAL AMPLIFIER 1 2 3 4 National Semiconductor (TI)
SL541HIGH SLEW RATE OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreZarlink Semiconductor Inc
M2136ULTRA WIDE BAND HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER 1 2 3 4 Unisonic Technologies
HA-2839600MHz Very High Slew Rate Operational Amplifier 1 2 3 4 5 MoreHarris Corporation
HA-2840_98600MHz Very High Slew Rate Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl