Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117RS-ADJ Arkusz danych(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Numer części LM1117RS-ADJ
Szczegółowy opis  1A L.D.O. VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HTC [HTC Korea TAEJIN Technology Co.]
Strona internetowa  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117RS-ADJ Arkusz danych(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM1117RS-ADJ Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117RS-ADJ Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1A L.D.O. VOLTAGE REGULATOR
LM1117S/RS/F
FEATURES
● Output Current up to 1 A
● Low Dropout Voltage ( 1.2V at 1A Output Current )
● Three Terminal Adjustable(ADJ) or Fixed 1.2V,1.5V, 1.8V, 2.5V,
2.85V, 3.3V, 5.0V
● Line Regulaion typically at 0.1% max
● Load Regulaion typically at 0.2% max
● Internal Current and Terminal Protection
● Maximum Input Voltage - 15V
● Surface Mount Package SOT-223, TO-252, SOT-89
● 100% Thermal Limit Burn-In
APPLICATION
ORDERING INFORMATION
● Active SCSI Terminators
● Portable/Plan Top/Notebook Computers
● High Efficiency Linear Regulators
● SMPS Post Regulators
● Mother B/D Clock Supplies
● Disk Drives
● Battery Chargers
( X.X=Output Voltage=1.2V,1.5V, 1.8V, 2.5V,
'3.3V, 5.0V, Adjustable=ADJ)
DESCRIPTION
The LM1117 is a low power positive-voltage regulator designed to meet 1A output current and comply
with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use
in battery-powered applications, as active terminators for the SCSI bus, and portable computers.
The LM1117 features very low quiescent current and very low dropout voltage of 1V at a full load and
lower as output current decreases. LM1117 is available as an adjustable or fixed 1.5V, 1.8V, 2.5V,
3.3V, and 5.0V output voltages.
The LM1117 is offered in a 3-pin surface mount package SOT-223, TO-252 & SOT-89. The output capacitor
of 10㎌ or larger is needed for output stability of LM1117 as required by most of the other regulator circuits.
Jan. 2007 - Rev 1.0
HTC
Package
SOT-223
LM1117S-XX
LM1117RS-ADJ
TO-252
LM1117RS-XX
SOT-89
LM1117F-ADJ
LM1117F-XX
LM1117S-ADJ
Device (Marking)
1
Pin 1. Adjust/Ground
2. Output
3. Input
SOT-223 PKG
TO-252 PKG
SOT-89 PKG
1 2
3


Podobny numer części - LM1117RS-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM1117RS-ADJ HTC-LM1117RS-ADJ Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
More results

Podobny opis - LM1117RS-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM1117Q HTC-LM1117Q Datasheet
302Kb / 11P
   1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
LM27150 HTC-LM27150 Datasheet
811Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
LM29150 HTC-LM29150 Datasheet
1Mb / 7P
   1.5A Very L.D.O Voltage Regulator
LM39100 HTC-LM39100_10 Datasheet
348Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM29150 HTC-LM29150_09 Datasheet
806Kb / 11P
   1.5A Very L.D.O Voltage Regulator
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
LM1086 HTC-LM1086 Datasheet
177Kb / 8P
   1.5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
LM1085 HTC-LM1085 Datasheet
311Kb / 8P
   3A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com