Zakładka z wyszukiwarką danych komponentów |
|
CS82C37A-12 Arkusz danych(PDF) 4 Page - Intersil Corporation |
|
CS82C37A-12 Arkusz danych(HTML) 4 Page - Intersil Corporation |
4 / 24 page 4 FN2967.2 March 20, 2006 82C37A EOP 36 I/O END OF PROCESS: End of Process (EOP) is an active low bidirectional signal. Information concerning the completion of DMA services is available at the bidirectional EOP pin. The 82C37A allows an external signal to terminate an active DMA service by pulling the EOP pin low. A pulse is generated by the 82C37A when terminal count (TC) for any channel is reached, except for channel 0 in memory-to-memory mode. During memory-to-memory transfers, EOP will be output when the TC for channel 1 occurs. The EOP pin is driven by an open drain transistor on-chip, and requires an external pull-up resistor to VCC. When an EOP pulse occurs, whether internally or externally generated, the 82C37A will terminate the service, and if autoinitialize is enabled, the base registers will be written to the current registers of that channel. The mask bit and TC bit in the status word will be set for the currently active channel by EOP unless the channel is programmed for autoinitialize. In that case, the mask bit remains clear. A0-A3 32-35 I/O ADDRESS: The four least significant address lines are bidirectional three-state signals. In the Idle cycle, they are inputs and are used by the 82C37A to address the control register to be loaded or read. In the Active cycle, they are outputs and provide the lower 4-bits of the output address. A4-A7 37-40 O ADDRESS: The four most significant address lines are three-state outputs and provide 4-bits of address. These lines are enabled only during the DMA service. HRQ 10 O HOLD REQUEST: The Hold Request (HRQ) output is used to request control of the system bus. When a DREQ occurs and the corresponding mask bit is clear, or a software DMA request is made, the 82C37A issues HRQ. The HLDA signal then informs the controller when access to the system busses is permitted. For stand-alone operation where the 82C37A always controls the busses, HRQ may be tied to HLDA. This will result in one S0 state before the transfer. DACK0- DACK3 14, 15 24, 25 O DMA ACKNOWLEDGE: DMA acknowledge is used to notify the individual peripherals when one has been granted a DMA cycle. The sense of these lines is programmable. RESET initializes them to active low. AEN 9 O ADDRESS ENABLE: Address Enable enables the 8-bit latch containing the upper 8 address bits onto the system address bus. AEN can also be used to disable other system bus drivers during DMA transfers. AEN is active high. ADSTB 8 O ADDRESS STROBE: This is an active high signal used to control latching of the upper address byte. It will drive directly the strobe input of external transparent octal latches, such as the 82C82. During block operations, ADSTB will only be issued when the upper address byte must be updated, thus speeding operation through elimination of S1 states. ADSTB timing is referenced to the falling edge of the 82C37A clock. MEMR 3 O MEMORY READ: The Memory Read signal is an active low three-state output used to access data from the selected memory location during a DMA Read or a memory-to-memory transfer. MEMW 4 O MEMORY WRITE: The Memory Write signal is an active low three-state output used to write data to the selected memory location during a DMA Write or a memory-to-memory transfer. NC 5 NO CONNECT: Pin 5 is open and should not be tested for continuity. Pin Description (Continued) SYMBOL PIN NUMBER TYPE DESCRIPTION 82C37A |
Podobny numer części - CS82C37A-12 |
|
Podobny opis - CS82C37A-12 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |