Zakładka z wyszukiwarką danych komponentów |
|
CA3306E Arkusz danych(PDF) 9 Page - Intersil Corporation |
|
CA3306E Arkusz danych(HTML) 9 Page - Intersil Corporation |
9 / 17 page 9 FIGURE 16. ENOB vs INPUT FREQUENCY Typical Performance Curves (Continued) 5.00 4.50 fI (MHz) 4.00 3.50 3.00 2.50 2.00 1.50 1.00 0.50 0.00 3.00 6.00 5.70 5.40 5.10 4.80 4.50 4.20 3.90 3.60 3.30 fS = 15MHz Pin Descriptions PIN NUMBER NAME DESCRIPTION DIP SOIC 1 1 B6 Bit 6, Output (MSB). 2 2 OF Overflow, Output. 33, 4 VSS Digital Ground. 4 5 VZ Zener Reference Output. 5 6 CE2 Three-State Output Enable Input, Active Low. See Table 1. 67 CE1 Three-State Output Enable Input, Active High. See Table 1. 7 8 CLK Clock Input. 8 9 Phase Sample clock phase control input. When PHASE is low, “Sample Unknown” occurs when the clock is low and “Auto Balance” occurs when the clock is high (see text). 910 VREF+ Reference Voltage Positive Input. 10 11 VREF- Reference Voltage Negative Input. 11 12 VIN Analog Signal Input. 12 13, 14 VDD Power Supply, +5V. 13 15 B1 Bit 1, Output (LSB). 14 16 B2 Bit 2, Output. 15 17 B3 Bit 3, Output. 16 18 REF(CTR) Reference Ladder Midpoint. 17 19 B4 Bit 4, Output. 18 20 B5 Bit 5, Output. CA3306, CA3306A, CA3306C |
Podobny numer części - CA3306E |
|
Podobny opis - CA3306E |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |