Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC817-25 Arkusz danych(PDF) 3 Page - Diodes Incorporated

Numer części BC817-25
Szczegółowy opis  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC817-25 Arkusz danych(HTML) 3 Page - Diodes Incorporated

  BC817-25 Datasheet HTML 1Page - Diodes Incorporated BC817-25 Datasheet HTML 2Page - Diodes Incorporated BC817-25 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Information (Note 4)
Device*
Packaging
Shipping
BC817-xx-7-F
SOT-23
3000/Tape & Reel
Notes:
4.
For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. * xx = gain group, e.g. BC817-16-7-F.
Marking Information
XXX = Product Type Marking Code (See Page 1), e.g.
K6A = BC817-16
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
DS11107 Rev. 15 - 2
3 of 3
www.diodes.com
BC817-16/-25/-40
© Diodes Incorporated


Podobny numer części - BC817-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SHENZHEN SLS TECHNOLOGY...
BC817-25 SHENZHENSLS-BC817-25 Datasheet
477Kb / 2P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC817-25 PHILIPS-BC817-25 Datasheet
47Kb / 8P
   NPN general purpose transistor
1999 Jun 01
logo
Galaxy Semi-Conductor H...
BC817-25 BILIN-BC817-25 Datasheet
171Kb / 4P
   NPN General Purpose Amplifier
logo
Taiwan Semiconductor Co...
BC817-25 TSC-BC817-25 Datasheet
255Kb / 4P
   300mW, NPN Small Signal Transistor
logo
Shenzhen Luguang Electr...
BC817-25 LUGUANG-BC817-25 Datasheet
1Mb / 3P
   NPN General Purpose Amplifier
More results

Podobny opis - BC817-25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com