Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37B72X Arkusz danych(PDF) 10 Page - SMSC Corporation

Numer części FDC37B72X
Szczegółowy opis  128 Pin Enhanced Super I/O Controller with ACPI Support
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37B72X Arkusz danych(HTML) 10 Page - SMSC Corporation

Back Button FDC37B72X Datasheet HTML 6Page - SMSC Corporation FDC37B72X Datasheet HTML 7Page - SMSC Corporation FDC37B72X Datasheet HTML 8Page - SMSC Corporation FDC37B72X Datasheet HTML 9Page - SMSC Corporation FDC37B72X Datasheet HTML 10Page - SMSC Corporation FDC37B72X Datasheet HTML 11Page - SMSC Corporation FDC37B72X Datasheet HTML 12Page - SMSC Corporation FDC37B72X Datasheet HTML 13Page - SMSC Corporation FDC37B72X Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 238 page
background image
10
BUFFER TYPE DESCRIPTIONS
TABLE 2 - BUFFER TYPES
SYMBOL
DESCRIPTION
I
Input, TTL compatible.
IS
Input with Schmitt trigger.
ICLK
Clock Input.
OCLK2
Clock Output, 2mA sink, 2mA source.
IO4
Input/Output, 4mA sink, 2mA source.
IOP4
Input/Output, 4mA sink, 2mA source. Backdrive Protected.
O4
Output, 4mA sink, 2mA source.
O8
Output, 8mA sink, 4mA source.
IO12
Input/Output, 12mA sink, 6mA source.
O12
Output, 12mA sink, 6mA source.
OP12
Output, 12mA sink, 6mA source. Backdrive Protected.
OD12
Output, Open Drain, 12 mA sink.
IOP14
Input/Output, 14mA sink, 14mA source. Backdrive Protected.
OD14
Output, Open Drain, 14mA sink.
OP14
Output, 14mA sink, 14mA source. Backdrive Protected.
IOD16
Input/Output, Open Drain, 16mA sink
O24
Output, 24mA sink, 12mA source.
OD24
Output, Open Drain, 24mA sink.


Podobny numer części - FDC37B72X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37B72X SMSC-FDC37B72X Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
More results

Podobny opis - FDC37B72X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37B727-NS SMSC-FDC37B727-NS Datasheet
822Kb / 238P
   128 Pin Enhanced Super I/O Controller with ACPI Support
FDC37B727 SMSC-FDC37B727 Datasheet
1Mb / 244P
   128 Pin Enhanced Super I/O Controller with ACPI Support
37M602 SMSC-37M602 Datasheet
650Kb / 182P
   ENHANCED SUPER I/O CONTROLLER WITH INFRARED SUPPORT
FDC37B78X SMSC-FDC37B78X Datasheet
1Mb / 258P
   Enhanced Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
FDC37B78X SMSC-FDC37B78X_07 Datasheet
880Kb / 249P
   Super I/O Controller with ACPI Support, Real Time Clock and Consumer IR
LPC47B27X SMSC-LPC47B27X Datasheet
1Mb / 196P
   100 PIN ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
LPC47B272 SMSC-LPC47B272 Datasheet
1Mb / 195P
   100 Pin Enhanced Super I/O Controller with LPC Interface
LPC47B34X SMSC-LPC47B34X Datasheet
645Kb / 250P
   128 Pin Enhanced Super I/O with LPC Interface for Consumer Applications
FDC37N3869 SMSC-FDC37N3869 Datasheet
725Kb / 136P
   3.3V SUPER I/O CONTROLLER WITH INFRARED SUPPORT
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com