Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37C665GT Arkusz danych(PDF) 3 Page - SMSC Corporation

Numer części FDC37C665GT
Szczegółowy opis  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C665GT Arkusz danych(HTML) 3 Page - SMSC Corporation

  FDC37C665GT_07 Datasheet HTML 1Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 2Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 3Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 4Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 5Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 6Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 7Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 8Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
3
GENERAL DESCRIPTION
The SMSC FDC37C665GT and FDC37C666GT
Advanced
High
Performance
Multi-Mode
Parallel Port Super I/O Floppy Disk Controller
ICs utilize SMSC's proven SuperCell technology
for increased product reliability and functionality.
The
FDC37C665GT
is
optimized
for
motherboard
applications
while
the
FDC37C666GT is oriented towards controller
card applications. Both devices support 1 Mb/s
data rates for vertical recording operation. The
FDC37C665GT is hardware compatible with the
FDC37C651 and FDC37C661 in the Standard
and Enhanced Parallel Port Modes.
The
FDC37C665GT
and
FDC37C666GT
incorporate SMSC's true CMOS 765B floppy
disk controller, advanced digital data separator,
16 byte data FIFO, two 16C550 compatible
UARTs, one Multi-Mode parallel port which
includes ChiProtect circuitry plus EPP and ECP
support, IDE interface, on-chip 24 mA AT bus
drivers, game port chip select (FDC37C666GT
only), general purpose address decoder and
four floppy direct drive support. The true CMOS
765B core provides 100% compatibility with IBM
PC/XT and PC/AT architectures in addition to
providing
data
overflow
and
underflow
protection.
The SMSC advanced digital data
separator incorporates SMSC's patented data
separator technology, allowing for ease of
testing
and
use.
Both on-chip UARTs are
compatible with the NS16C550. The
parallel
port,
the
IDE
interface
and
the
game port select logic are compatible with IBM
PC/XT and PC/AT architectures, as well as EPP
and
ECP.
The
FDC37C665GT
and
FDC37C666GT incorporate sophisticated power
control circuitry (PCC).
The PCC supports
multiple low power down modes.
The FDC37C665GT Floppy Disk Controller
incorporates Software Configurable Logic (SCL)
for ease of use. Use of the SCL feature allows
programmable
system
configuration
of
key
functions such as the FDC, parallel port, and
UARTs.
The parallel port ChiProtect prevents
damage caused by the printer being powered
when the FDC37C665GT or FDC37C666GT is
not powered. The parallel port backdrive current
protection
prevents
the
FDC37C665GT
or
FDC37C666GT from sinking current when the
device is powered off and the printer is left
powered on.
The FDC37C665GT and FDC37C666GT do not
require any external filter components and are,
therefore, easy to use and offer lower system
cost
and
reduced
board
area.
The
FDC37C665GT
and
FDC37C666GT
are
software
and
register
compatible
to
the
82077AA using SMSC's proprietary floppy disk
controller core.


Podobny numer części - FDC37C665GT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Podobny opis - FDC37C665GT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com