Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDC37C665GT Arkusz danych(PDF) 6 Page - SMSC Corporation

Numer części FDC37C665GT
Szczegółowy opis  High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

FDC37C665GT Arkusz danych(HTML) 6 Page - SMSC Corporation

Back Button FDC37C665GT_07 Datasheet HTML 2Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 3Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 4Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 5Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 6Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 7Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 8Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 9Page - SMSC Corporation FDC37C665GT_07 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 152 page
background image
6
DESCRIPTION OF PIN FUNCTIONS
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
38
Serial Port
Interrupt
Request
Primary Serial
Port Interrupt
IRQ4
PSPIRQ
O24
O24
FDC37C665GT (Motherboard application):
IRQ4 is the interrupt from the Primary Serial
Port (PSP) or Secondary Serial Port (SSP)
when the PSP or SSP have their address
programmed
as
COM1
or
COM3
(as
defined in the Configuration Registers). The
appropriate interrupt from the Serial Port is
enabled/disabled via the Interrupt Enable
Register (IER).
The interrupt is reset
inactive after interrupt service. It is disabled
through IER or hardware reset.
FDC37C666GT
(Adapter
application):
PSPIRQ is a source of PSP interrupt.
Externally, it should be connected to either
IRQ3 or IRQ4 on PC/AT via jumpers.
37
Serial Port
Interrupt
Request
Secondary Serial
Port Interrupt
IRQ3
SSPIRQ
O24
O24
FDC37C665GT (Motherboard application):
IRQ3 is the interrupt from the Primary Serial
Port (PSP) or secondary Serial Port (SSP)
when the PSP or SSP have their address
programmed
as
COM2
or
COM4
(as
defined in the Configuration Registers). The
appropriate interrupt from the Serial Port is
enabled/disabled via the Interrupt Enable
Register (IER).
The interrupt is reset
inactive after interrupt service. It is disabled
through IER or hardware reset.
FDC37C666GT
(Adapter
application):
SSPIRQ is a source of SSP interrupt.
Externally, it should be connected to either
IRQ3 or IRQ4 on PC/AT via jumpers.
40
Floppy
Controller
Interrupt
Request
FINTR
O24
This
interrupt
from
the
Floppy
Disk
Controller is enabled/disabled via bit 3 of the
Digital Output Register (DOR).


Podobny numer części - FDC37C665GT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
More results

Podobny opis - FDC37C665GT_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
FDC37C665GT SMSC-FDC37C665GT Datasheet
621Kb / 152P
   High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controllers
FDC37C665IR SMSC-FDC37C665IR Datasheet
562Kb / 162P
   3/5 Volt Advanced High-Performance Multi-Mode Parallel Port Super I/O Floppy Disk Controller with Infranred Support
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
   PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
logo
SMSC Corporation
FDC37C669 SMSC-FDC37C669_07 Datasheet
575Kb / 164P
   PC 98/99 Compliant Super I/O Floppy Disk Controller with Infrared Support
FDC37C669 SMSC-FDC37C669 Datasheet
621Kb / 164P
   PC 98/99 COMPLIANT SUPER I/O FLOPPY DISK CONTROLLER WITH INFRARED SUPPORT
logo
Fujitsu Component Limit...
MB4107A FUJITSU-MB4107A Datasheet
524Kb / 16P
   FLOPPY DISK VFO
logo
Microchip Technology
FDC37C78-HT MICROCHIP-FDC37C78-HT Datasheet
345Kb / 82P
   Floppy Disk Controller
Rev. 02-16-07
logo
Toshiba Semiconductor
TC8569AF TOSHIBA-TC8569AF Datasheet
3Mb / 78P
   FLOPPY DISK CONTROLLER
logo
National Semiconductor ...
PC87334VLJ NSC-PC87334VLJ Datasheet
971Kb / 102P
   SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
logo
Intel Corporation
82078 INTEL-82078 Datasheet
70Kb / 3P
   FLOPPY DISK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com