Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF640S Arkusz danych(PDF) 9 Page - NXP Semiconductors

Numer części IRF640S
Szczegółowy opis  N-channel TrenchMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

IRF640S Arkusz danych(HTML) 9 Page - NXP Semiconductors

  IRF640S Datasheet HTML 1Page - NXP Semiconductors IRF640S Datasheet HTML 2Page - NXP Semiconductors IRF640S Datasheet HTML 3Page - NXP Semiconductors IRF640S Datasheet HTML 4Page - NXP Semiconductors IRF640S Datasheet HTML 5Page - NXP Semiconductors IRF640S Datasheet HTML 6Page - NXP Semiconductors IRF640S Datasheet HTML 7Page - NXP Semiconductors IRF640S Datasheet HTML 8Page - NXP Semiconductors IRF640S Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Philips Semiconductors
Product specification
N-channel TrenchMOS
™ transistor
IRF640, IRF640S
MOUNTING INSTRUCTIONS
Dimensions in mm
Fig.17. SOT404 : soldering pattern for surface mounting.
DEFINITIONS
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and
operation of the device at these or at any other conditions above those given in the Characteristics sections of
this specification is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.
© Philips Electronics N.V. 1999
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the
copyright owner.
The information presented in this document does not form part of any quotation or contract, it is believed to be
accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under patent or other
industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these
products can be reasonably expected to result in personal injury. Philips customers using or selling these products
for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting
from such improper use or sale.
17.5
11.5
9.0
5.08
3.8
2.0
August 1999
9
Rev 1.100


Podobny numer części - IRF640S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
IRF640S STMICROELECTRONICS-IRF640S Datasheet
84Kb / 8P
   N - CHANNEL 200V - 0.150ohm - 18A TO-263 MESH OVERLAY] MOSFET
logo
International Rectifier
IRF640S IRF-IRF640S Datasheet
228Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)=0.18ohm, Id=18A)
logo
Vishay Siliconix
IRF640S VISHAY-IRF640S Datasheet
2Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
IRF640S VISHAY-IRF640S Datasheet
237Kb / 10P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRF640S ISC-IRF640S Datasheet
286Kb / 2P
   isc N-Channel MOSFET Transistor
2023-8-23
More results

Podobny opis - IRF640S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
PSMN057-200P PHILIPS-PSMN057-200P Datasheet
92Kb / 8P
   N-channel TrenchMOS transistor
June 2000 Rev 1.000
PHP23NQ15T PHILIPS-PHP23NQ15T Datasheet
99Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP34NQ10T PHILIPS-PHP34NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHX23NQ10T PHILIPS-PHX23NQ10T Datasheet
61Kb / 8P
   N-channel TrenchMOS transistor
September 1999 Rev 1.000
PSMN040-200W PHILIPS-PSMN040-200W Datasheet
86Kb / 7P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
New Jersey Semi-Conduct...
IRF630_13 NJSEMI-IRF630_13_06 Datasheet
923Kb / 3P
   N-channel TrenchMOS transistor
logo
NXP Semiconductors
PSMN009-100W PHILIPS-PSMN009-100W Datasheet
121Kb / 4P
   N-channel TrenchMOS transistor
February 1999 Rev 1.000
PSMN015-100B PHILIPS-PSMN015-100B Datasheet
146Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
PSMN130-200D PHILIPS-PSMN130-200D Datasheet
143Kb / 12P
   N-channel TrenchMOS transistor
August 1999
PHP18NQ20T PHILIPS-PHP18NQ20T Datasheet
96Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PHP27NQ10T PHILIPS-PHP27NQ10T Datasheet
115Kb / 12P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com