Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L78M06 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części L78M06
Szczegółowy opis  Positive voltage regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M06 Arkusz danych(HTML) 4 Page - STMicroelectronics

  L78M06 Datasheet HTML 1Page - STMicroelectronics L78M06 Datasheet HTML 2Page - STMicroelectronics L78M06 Datasheet HTML 3Page - STMicroelectronics L78M06 Datasheet HTML 4Page - STMicroelectronics L78M06 Datasheet HTML 5Page - STMicroelectronics L78M06 Datasheet HTML 6Page - STMicroelectronics L78M06 Datasheet HTML 7Page - STMicroelectronics L78M06 Datasheet HTML 8Page - STMicroelectronics L78M06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Maximum ratings
L78M00 series
4/30
2
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC Input voltage
for VO= 5 to 18V
35
V
for VO= 20, 24V
40
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
TSTG
Storage temperature range
-65 to 150
°C
TOP
Operating junction temperature range
0 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
TO-220
TO-220FP
DPAK
IPAK
Unit
RthJC
Thermal resistance junction-case
3
5
8
°C/W
RthJA
Thermal resistance junction-ambient
50
60
100
°C/W
Figure 3.
Application circuits


Podobny numer części - L78M06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
L78M06 SANYO-L78M06 Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
logo
STMicroelectronics
L78M06 STMICROELECTRONICS-L78M06 Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATORS
January 2004
L78M06A STMICROELECTRONICS-L78M06A Datasheet
1Mb / 45P
   Precision 500 mA regulators
Rev 24 - September 2020
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
May 2012 Rev 13
L78M06AB STMICROELECTRONICS-L78M06AB Datasheet
650Kb / 31P
   Precision 500 mA regulators
More results

Podobny opis - L78M06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com