Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD590JH Arkusz danych(PDF) 3 Page - Intersil Corporation

Numer części AD590JH
Szczegółowy opis  2-Wire, Current Output Temperature Transducer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

AD590JH Arkusz danych(HTML) 3 Page - Intersil Corporation

  AD590JH Datasheet HTML 1Page - Intersil Corporation AD590JH Datasheet HTML 2Page - Intersil Corporation AD590JH Datasheet HTML 3Page - Intersil Corporation AD590JH Datasheet HTML 4Page - Intersil Corporation AD590JH Datasheet HTML 5Page - Intersil Corporation AD590JH Datasheet HTML 6Page - Intersil Corporation AD590JH Datasheet HTML 7Page - Intersil Corporation AD590JH Datasheet HTML 8Page - Intersil Corporation AD590JH Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Trimming Out Errors
The ideal graph of current versus temperature for the AD590
is a straight line, but as Figure 1 shows, the actual shape is
slightly different. Since the sensor is limited to the range of
-55oC to 150oC, it is possible to optimize the accuracy by
trimming.
Trimming
also
permits
extracting
maximum
performance from the lower-cost sensors.
The circuit of Figure 2 trims the slope of the AD590 output.
The effect of this is shown in Figure 3.
The circuit of Figure 4 trims both the slope and the offset.
This is shown in Figure 5. The diagrams are exaggerated to
show effects, but it should be clear that these trims can be
used to minimize errors over the whole range, or over any
selected part of the range. In fact, it is possible to adjust the
I-grade device to give less than 0.1oC error over the range
0oC to 90oC and less than 0.05oC error from 25oC to 60oC.
FIGURE 1. TRIMMING OUT ERRORS
T (oK)
IDEAL
ACTUAL
(GREATLY
EXAGGERATED)
FIGURE 2. SLOPE TRIMMING
+5V
R 100
+
AD590
-
R = SLOPE
+
+
950
VOUT = 1mV/
oK
FIGURE 3. EFFECT OF SLOPE TRIM
T (oK)
IDEAL
ACTUAL
TRIMMED
FIGURE 4. SLOPE AND OFFSET TRIMMING
+10V
35.7k
R1 2kΩ
+
AD590
-
V
-
R1 = OFFSET
R2 = SLOPE
VOUT = 100mV/
oC
97.6k
Ω R2 5kΩ
FIGURE 5A. UNTRIMMED
FIGURE 5B. TRIM ONE: OFFSET
FIGURE 5C. TRIM TWO: SLOPE
AD590


Podobny numer części - AD590JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Terminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JH AD-AD590JH Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Podobny opis - AD590JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
AD590 RENESAS-AD590 Datasheet
631Kb / 10P
   2-Wire, Current Output Temperature Transducer
January 2002
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
TMP17 AD-TMP17 Datasheet
317Kb / 8P
   Low Cost, Current Output Temperature Transducer
REV. 0
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
   Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
   Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com