Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4049UBKNSR Arkusz danych(PDF) 6 Page - Intersil Corporation

Numer części CD4049UBKNSR
Szczegółowy opis  CMOS Hex Buffer/Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4049UBKNSR Arkusz danych(HTML) 6 Page - Intersil Corporation

Back Button CD4049UBKNSR Datasheet HTML 2Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 3Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 4Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 5Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 6Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 7Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 8Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 9Page - Intersil Corporation CD4049UBKNSR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN3315.1
March 6, 2007
Post Irradiation Electrical Performance Characteristics
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMP (°C)
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 20V, VIN = VDD or GND
9, 12
+25
-
7.5
μA
N Threshold Voltage
VNTH
VDD = 10V, ISS = -10μA
9, 12
+25
-2.8
-0.2
V
N Threshold Voltage
Delta
ΔVTND
VDD = 10V, ISS = -10μA9, 12
+25
-
±1V
P Threshold Voltage
VTP
VSS = 0V, IDD = 10μA
9, 12
+25
0.2
2.8
V
P Threshold Voltage
Delta
ΔVTPD
VSS = 0V, IDD = 10μA9, 12
+25
-
±1V
Functional
F
VDD = 18V, VIN = VDD or GND
9
+25
VOH > VDD/2 VOL < VDD/2
V
VDD = 3V, VIN = VDD or GND
Propagation Delay
Time
tPHL
tPLH
VDD = 5V
9, 10, 11, 12
+25
-
1.35 x +25
Limit
ns
NOTES:
9. All voltages referenced to device GND.
10. CL = 50pF, RL = 200k, Input tR, tF < 20ns.
11. See Table 2 for +25°C limit.
12. Read and Record
TABLE 1. BURN-IN AND LIFE TEST DELTA PARAMETERS +25°C
PARAMETER
SYMBOL
DELTA LIMIT
Supply Current - MSI-1
IDD
± 0.2μA
Output Current (Sink)
IOL5
± 20% x Pre-Test Reading
Output Current (Source)
IOH5A
± 20% x Pre-Test Reading
TABLE 2. APPLICABLE SUBGROUPS
CONFORMANCE GROUP
MIL-STD-883
METHOD
GROUP A SUBGROUPS
READ AND RECORD
Initial Test (Pre Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 1 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
Interim Test 2 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 13)
100% 5004
1, 7, 9, Deltas
Interim Test 3 (Post Burn-In)
100% 5004
1, 7, 9
IDD, IOL5, IOH5A
PDA (Note 13)
100% 5004
1, 7, 9, Deltas
Final Test
100% 5004
2, 3, 8A, 8B, 10, 11
Group A
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Group B
Subgroup B-5
Sample 5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas
Subgroups 1, 2, 3, 9, 10, 11
Subgroup B-6
Sample 5005
1, 7, 9
Group D
Sample 5005
1, 2, 3, 8A, 8B, 9
Subgroups 1, 2 3
NOTES:
13. 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2.
CD4049UBMS


Podobny numer części - CD4049UBKNSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4049UBKTR INTERSIL-CD4049UBKTR Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
More results

Podobny opis - CD4049UBKNSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4050BMS INTERSIL-CD4050BMS Datasheet
81Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
CD4049BMS INTERSIL-CD4049BMS Datasheet
85Kb / 7P
   CMOS Hex Buffer/Converter
CD4049UBT INTERSIL-CD4049UBT Datasheet
33Kb / 3P
   CMOS Hex Buffer/Converter
July 1999
logo
Renesas Technology Corp
CD4049UBMS RENESAS-CD4049UBMS Datasheet
414Kb / 11P
   CMOS Hex Buffer/Converter
March 6, 2007
logo
Intersil Corporation
CD4010BMS INTERSIL-CD4010BMS Datasheet
78Kb / 8P
   CMOS Hex Buffer/Converter
November 1994
logo
Texas Instruments
CD4010B-Q1 TI1-CD4010B-Q1 Datasheet
4Mb / 14P
[Old version datasheet]   CMOS HEX BUFFER/CONVERTER
logo
Intersil Corporation
CD4049UBMS INTERSIL-CD4049UBMS Datasheet
75Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Renesas Technology Corp
CD4050BMS RENESAS-CD4050BMS Datasheet
327Kb / 7P
   CMOS Hex Buffer/Converter
December 1992
logo
Texas Instruments
CD4503B TI1-CD4503B_15 Datasheet
913Kb / 15P
[Old version datasheet]   Cmos Hex Buffer
logo
Intersil Corporation
CD4503BMS INTERSIL-CD4503BMS Datasheet
74Kb / 8P
   CMOS Hex Buffer
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com