Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BAT54JW Arkusz danych(PDF) 1 Page - Diodes Incorporated

Numer części BAT54JW
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DIODES [Diodes Incorporated]
Strona internetowa  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54JW Arkusz danych(HTML) 1 Page - Diodes Incorporated

  BAT54JW_1 Datasheet HTML 1Page - Diodes Incorporated BAT54JW_1 Datasheet HTML 2Page - Diodes Incorporated BAT54JW_1 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Lead-free
DS30157 Rev. 9 - 2
1 of 3
BAT54JW
www.diodes.com
ã Diodes Incorporated
BAT54JW
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Features
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe).
·
Orientation: See Diagram
·
Weight: 0.006 grams (approx.)
·
Marking: KLC (See Page 2)
Mechanical Data
Maximum Ratings
·
Low Forward Voltage Drop
·
Fast Switching
·
Ultra-Small Surface Mount Package
·
PN Junction Guard Ring for Transient and
ESD Protection
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
Forward Continuous Current (Note 1)
IF
200
mA
Repetitive Peak Forward Current (Note 1)
IFRM
300
mA
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +125
°C
A
M
J
L
D
B C
H
K
G
F
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
¾¾
V
IR = 100
mA
Forward Voltage
VF
¾¾
240
320
400
500
1000
mV
IF = 0.1mA
IF =
1mA
IF =
10mA
IF =
30mA
IF = 100mA
Reverse Leakage Current (Note 2)
IR
¾¾
2.0
mA
VR = 25V
Total Capacitance
CT
¾¾
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
C
1
A
2
A
1
C
2
@ TA = 25
°C unless otherwise specified
(Jumper
connection
between
middle pins)
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8
°
All Dimensions in mm
TOP VIEW
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration test pulse used to minimize self-heating effect.
3. No purposefully added lead.
SPICE MODEL: BAT54JW


Podobny numer części - BAT54JW_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
BAT54JW DIODES-BAT54JW_15 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results

Podobny opis - BAT54JW_1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com