Zakładka z wyszukiwarką danych komponentów |
|
ZY7120H-T2 Arkusz danych(PDF) 5 Page - Power-One |
|
ZY7120H-T2 Arkusz danych(HTML) 5 Page - Power-One |
5 / 34 page ZY7120 20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input • 0.5V to 5.5V Output Output Undervoltage Protection Type Default Programmable Non-Latching, 130ms period Latching/Non-Latching Threshold Default Programmable in 5% steps 75 75 85 %VO.SET %VO.SET Threshold Accuracy Measured at VO.SET=2.5V -2 2 %VUVP.SET Delay From instant when threshold is exceeded until the turn-off command is generated 6 µs Overtemperature Protection Type Default Programmable Non-Latching, 130ms period Latching/Non-Latching Turn Off Threshold Temperature is increasing 130 °C Turn On Threshold Temperature is decreasing after the module was shut down by OTP 120 °C Threshold Accuracy -5 5 °C Delay From instant when threshold is exceeded until the turn-off command is generated 6 µs Tracking Protection (when Enabled) Type Default Programmable Disabled Latching/Non-Latching, 130ms period Threshold Enabled during output voltage ramping up ±250 mVDC Threshold Accuracy -50 50 mVDC Delay From instant when threshold is exceeded until the turn-off command is generated 6 µs Overtemperature Warning Threshold Always enabled, reported in Status register 120 °C Threshold Accuracy -5 5 °C Hysteresis 3 °C Delay From instant when threshold is exceeded until the warning signal is generated 6 µs Power Good Signal (PGOOD pin) Logic VOUT is inside the PG window VOUT is outside the PG window High Low N/A Lower Threshold Default Programmable in 5% steps 90 90 95 %VO.SET %VO.SET Upper Threshold 110 %VO.SET Delay From instant when threshold is exceeded until status of PG signal changes 6 µs Threshold Accuracy Measured at VO.SET=2.5V -2 2 %VO.SET ___________________ 1 Minimum OVP threshold is 1.0V REV. 2.1 MAR 14, 2007 www.power-one.com Page 5 of 34 |
Podobny numer części - ZY7120H-T2 |
|
Podobny opis - ZY7120H-T2 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |