Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTLP817 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74GTLP817
Szczegółowy opis  GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLP817 Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74GTLP817_07 Datasheet HTML 1Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 2Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 3Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 4Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 5Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 6Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 7Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 8Page - Texas Instruments SN74GTLP817_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
SN74GTLP817
GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
SCES285E – OCTOBER 1999 – REVISED APRIL 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
4.6
V
|VGNDG – VGNDT|
Ground dc voltage difference
0.3
V
AI port and control inputs
–0.5
7
VI
Input voltage range(2)
V
BI port and VREF
–0.5
4.6
AO port
–0.5
7
Voltage range applied to any output in the
VO
V
high-impedance or power-off state(2)
BO port
–0.5
4.6
AO port
24
IO
Current into any output in the low state
mA
BO port
100
IO
Current into any A output in the high state(3)
24
mA
Continuous current through each VCC or GND
±100
mA
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
DGV package
86
θ
JA
Package thermal impedance(4)
DW package
46
°C/W
PW package
88
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This current flows only when the output is in the high state and VO > VCC.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
4


Podobny numer części - SN74GTLP817_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
More results

Podobny opis - SN74GTLP817_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTLP817 TI-SN74GTLP817 Datasheet
238Kb / 15P
[Old version datasheet]   GTLP-TO-LVTTL 1-TO-6 FANOUT DRIVER
logo
Fairchild Semiconductor
GTLP6C817 FAIRCHILD-GTLP6C817 Datasheet
50Kb / 7P
   Low Drive GTLP-to-LVTTL 1:6 Clock Driver
GTLP6C816A FAIRCHILD-GTLP6C816A Datasheet
52Kb / 7P
   LVTTL-to-GTLP Clock Driver
GTLP6C816 FAIRCHILD-GTLP6C816 Datasheet
46Kb / 7P
   GTLP-to-TTL 1:6 Clock Driver
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com