Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM29F200BT-90DP1 Arkusz danych(PDF) 3 Page - Advanced Micro Devices

Numer części AM29F200BT-90DP1
Szczegółowy opis  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMD [Advanced Micro Devices]
Strona internetowa  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200BT-90DP1 Arkusz danych(HTML) 3 Page - Advanced Micro Devices

  AM29F200BT-90DP1 Datasheet HTML 1Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 2Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 3Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 4Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 5Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 6Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 7Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 8Page - Advanced Micro Devices AM29F200BT-90DP1 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2
Am29F200B Known Good Die
SU PPL EMEN T
GENERAL DESCRIPTION
The Am29F200B in Known Good Die (KGD) form is a
2 Mbit, 5.0 Volt-only Flash memory. AMD defines KGD
as standard product in die form, tested for functionality
and speed. AMD KGD products have the same reli-
ability and quality as AMD products in packaged form.
Am29F200B Features
The Am29F200B is organized as 262,144 bytes of 8
bits each or 131,072 words of 16 bits each. The 8-bit
data appears on DQ0-DQ7; the 16-bit data appears on
DQ0-DQ15. This device is designed to be programmed
in-system with the standard system 5.0 Volt VCC
supply. A 12.0 volt VPP is not required for program or
erase operations.
The standard Am29F200B in KGD form offers an
access time of 70, 90, or 120 ns, allowing high-speed
microprocessors to operate without wait states. To
eliminate bus contention the device has separate chip
enable (CE#), write enable (WE#), and output enable
(OE#) controls.
The device requires only a single 5.0 volt power sup-
ply for both read and write functions. Internally gener-
ated and regulated voltages are provided for the
program and erase operations.
The device is entirely command set compatible with the
JEDEC single-power-supply Flash standard. Com-
mands are written to the command register using stan-
dard microprocessor write timings. Register contents
serve as input to an internal state-machine that con-
trols the erase and programming circuitry. Write cycles
also internally latch addresses and data needed for the
programming and erase operations. Reading data out
of the device is similar to reading from other Flash or
EPROM devices.
Device programming occurs by executing the program
command sequence. This initiates the Embedded
Program algorithm—an internal algorithm that auto-
matically times the program pulse widths and verifies
proper cell margin.
Device erasure occurs by executing the erase com-
mand sequence. This initiates the Embedded Erase
algorithm—an internal algorithm that automatically
preprograms the array (if it is not already pro-
grammed) before executing the erase operation. Dur-
ing erase, the device automatically times the erase
pulse widths and verifies proper cell margin.
The host system can detect whether a program or
erase operation is complete by observing the RY/BY#
pin, or by reading the DQ7 (Data# Polling) and DQ6/
DQ2 (toggle) status bits. After a program or erase
cycle has been completed, the device is ready to read
array data or accept another command.
The sector erase architecture allows memory sectors
to be erased and reprogrammed without affecting the
data contents of other sectors. The device is fully
erased when shipped from the factory.
Hardware data protection measures include a low
VCC detector that automatically inhibits write opera-
tions during power transitions. The hardware sector
protection feature disables both program and erase
operations in any combination of the sectors of mem-
ory. This can be achieved via programming equipment.
The Erase Suspend feature enables the user to put
erase on hold for any period of time to read data from,
or program data to, any sector that is not selected for
erasure. True background erase can thus be achieved.
The hardware RESET# pin terminates any operation
in progress and resets the internal state machine to
reading array data. The RESET# pin may be tied to the
system reset circuitry. A system reset would thus also
reset the device, enabling the system microprocessor
to read the boot-up firmware from the Flash memory.
The system can place the device into the standby mode.
Power consumption is greatly reduced in this mode.
AMD’s Flash technology combines years of Flash mem-
ory manufacturing experience to produce the highest lev-
els of quality, reliability and cost effectiveness. The device
electrically erases all bits within a sector simulta-
neously via Fowler-Nordheim tunneling. The data is
programmed using hot electron injection.
Electrical Specifications
Refer to the Am29F200B data sheet, publication number
21526, for full electrical specifications on the Am29F200B.
PRODUCT SELECTOR GUIDE
Family Part Number
Am29F200B KGD
Speed Option (VCC = 5.0 V ± 10%)
-75 (VCC = 5.0 V ± 5%)
-90
-120
Max access time, ns (tACC)
70
90
120
Max CE# access time, ns (tCE)
70
90
120
Max OE# access time, ns (tOE)30
35
50


Podobny numer części - AM29F200BT-90DP1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29F200BT-90 AMD-AM29F200BT-90 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90EC AMD-AM29F200BT-90EC Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90ED AMD-AM29F200BT-90ED Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90EE AMD-AM29F200BT-90EE Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200BT-90EF AMD-AM29F200BT-90EF Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Podobny opis - AM29F200BT-90DP1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29F200A-1 AMD-AM29F200A-1 Datasheet
118Kb / 8P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1
AM29F100-1 AMD-AM29F100-1 Datasheet
57Kb / 8P
   1 Megabit (128 K x 8-Bit/64 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B-1 AMD-AM29F400B-1 Datasheet
139Kb / 9P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F400B AMD-AM29F400B_03 Datasheet
210Kb / 12P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
AM29F010-1 AMD-AM29F010-1 Datasheet
56Kb / 8P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29F010B AMD-AM29F010B Datasheet
332Kb / 14P
   1 Megabit (128 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory-Die Revision 1
AM29LV200B AMD-AM29LV200B_03 Datasheet
295Kb / 11P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory, Die Revison 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com