Zakładka z wyszukiwarką danych komponentów |
|
AM29F002NBT-90PE Arkusz danych(PDF) 9 Page - Advanced Micro Devices |
|
AM29F002NBT-90PE Arkusz danych(HTML) 9 Page - Advanced Micro Devices |
9 / 42 page November 1, 2006 21527D5 Am29F002B/Am29F002NB 7 D A TA SH EE T ORDERING INFORMATION Standard Product AMD standard products are available in several packages and operating ranges. The order number (Valid Combi- nation) is formed by a combination of the elements below. Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29F002B/ Am29F002NB T -55 P C TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40°C to +85°C) E = Extended (–55°C to +125°C) D = Commercial (0°C to +70°C) for Pb-free Package F = Industrial (–40°C to +85°C) for Pb-free Package K = Extended (–55°C to +125°C) for Pb-free Package PACKAGE TYPE P = 32-Pin Plastic DIP (PD 032) J = 32-Pin Rectangular Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29F002B/Am29F002NB 2 Megabit (256 K x 8-Bit) CMOS Flash Memory 5.0 Volt-only Program and Erase Valid Combinations VCC Voltage AM29F002BT-55 AM29F002BB-55 AM29F002NBT-55 AM29F002NBB-55 PC, JC, JI, EC, EI, ED, EF, PD, JD, JF 5.0 V ± 5% AM29F002BT-70 AM29F002BB-70 AM29F002NBT-70 AM29F002NBB-70 PC, PI, JC, JI, EC, EI, ED, EF PD, PF, JD, JF 5.0 V ± 10% AM29F002BT-90 AM29F002BB-90 AM29F002NBT-90 AM29F002NBB-90 PC, PI, PE, JC, JI, JE, EC, EI, EE ED, EF, EK PD, PF, PK JD, JF, JK |
Podobny numer części - AM29F002NBT-90PE |
|
Podobny opis - AM29F002NBT-90PE |