Zakładka z wyszukiwarką danych komponentów |
|
AM29F400BB-90EE0 Arkusz danych(PDF) 10 Page - Advanced Micro Devices |
|
AM29F400BB-90EE0 Arkusz danych(HTML) 10 Page - Advanced Micro Devices |
10 / 43 page 8 Am29F400B 21505E5 November 1, 2006 D A TA SH EE T DEVICE BUS OPERATIONS This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memory loca- tion. The register is composed of latches that store the commands, along with the address and data informa- tion needed to execute the command. The contents of the register serve as inputs to the internal state machine. The state machine outputs dictate the func- tion of the device. Table 1 lists the device bus operations, the inputs and control levels they require, and the resulting output. The following subsections describe each of these operations in further detail. Table 1. Am29F400B Device Bus Operations Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, DIN = Data In, DOUT = Data Out, AIN = Address In Note:See the sections onSector Group Protection and Temporary Sector Unprotect for more information. Word/Byte Configuration The BYTE# pin controls whether the device data I/O pins DQ15–DQ0 operate in the byte or word configura- tion. If the BYTE# pin is set at logic ‘1’, the device is in word configuration, DQ15–DQ0 are active and con- trolled by CE# and OE#. If the BYTE# pin is set at logic ‘0’, the device is in byte configuration, and only data I/O pins DQ0–DQ7 are active and controlled by CE# and OE#. The data I/O pins DQ8–DQ14 are tri-stated, and the DQ15 pin is used as an input for the LSB (A-1) address function. Requirements for Reading Array Data To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output pins. WE# should remain at VIH. The BYTE# pin determines whether the device outputs array data in words or bytes. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See “Reading Array Data” for more information. Refer to the AC Read Operations table for timing specifica- tions and to Figure 9 for the timing diagram. ICC1 in the DC Characteristics table represents the active current specification for reading array data. Writing Commands/Command Sequences To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive WE# and CE# to VIL, and OE# to VIH. For program operations, the BYTE# pin determines whether the device accepts program data in bytes or words. Refer to “Word/Byte Configuration” for more information. An erase operation can erase one sector, multiple sec- tors, or the entire device. Tables 2 and 3 indicate the address space that each sector occupies. A “sector address” consists of the address bits required to uniquely select a sector. The “Command Definitions” section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. Operation CE# OE# WE# RESET# A0–A17 DQ0–DQ7 DQ8–DQ15 BYTE# = VIH BYTE# = VIL Read L L H H AIN DOUT DOUT High-Z Write L H L H AIN DIN DIN High-Z CMOS Standby VCC ± 0.5 V XX VCC ± 0.5 V X High-Z High-Z High-Z TTL Standby H X X H X High-Z High-Z High-Z Output Disable L H H H X High-Z High-Z High-Z Hardware Reset X X X L X High-Z High-Z High-Z Temporary Sector Unprotect (See Note) X X X VID AIN DIN DIN X |
Podobny numer części - AM29F400BB-90EE0 |
|
Podobny opis - AM29F400BB-90EE0 |