Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2903D Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części LM2903D
Szczegółowy opis  Low power dual voltage comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM2903D Arkusz danych(HTML) 5 Page - NXP Semiconductors

  LM2903D Datasheet HTML 1Page - NXP Semiconductors LM2903D Datasheet HTML 2Page - NXP Semiconductors LM2903D Datasheet HTML 3Page - NXP Semiconductors LM2903D Datasheet HTML 4Page - NXP Semiconductors LM2903D Datasheet HTML 5Page - NXP Semiconductors LM2903D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Philips Semiconductors
Product specification
LM193/A/293/A/393/A/2903
Low power dual voltage comparator
1995 Nov 27
5
EQUIVALENT CIRCUIT
100k
500pF
10
0.1
µF
20k
50k
20k
V + /2
V +
30k
5.1k
700k
V – /2
+
+ VC
FREQUENCY
CONTROL
VOLTAGE
INPUT
3.0k
OUTPUT 1
OUTPUT 2
+
+
+ VREF HI
+ VIN
2RS
RS
2RS
+ V (12VDC)
10K
LAMP
2N2222
+
+
+
+ 5VDC
360
100
100k
+
+ 5VDC
360
100
100k
+
+ 5VDC
360
100
100k
+
+ 5VDC
360
100
100k
+ VREF 4
+ VREF 3
+ VREF 2
+ VREF 1
VO
+
V+
2.0k
V+
0
VO
I – 100kHz
CRYSTAL
200k
200k
100k
0.1
µF
Crystal–Controlled Oscillator
Limit Comparator
Two–Decade High–Frequency VCO
Visible Voltage Indicator
+
V+
TTL–to–MOS Logic Converter
NOTES:
V+ = 30VDC
+ 250m VDC < VC = 50VDC
700H < fO = 100kHz
NOTE:
Input of unused comparators should be grounded.
LM393
LM393
LM393
SL00081
Figure 3. Equivalent Circuit


Podobny numer części - LM2903D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM2903D MOTOROLA-LM2903D Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
887Kb / 25P
[Old version datasheet]   Dual Differential Comparators
logo
STMicroelectronics
LM2903D STMICROELECTRONICS-LM2903D Datasheet
628Kb / 9P
   LOW POWER DUAL VOLTAGE COMPARATORS
logo
Texas Instruments
LM2903D TI1-LM2903D Datasheet
1Mb / 40P
[Old version datasheet]   LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903D TI-LM2903D Datasheet
413Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATORS
More results

Podobny opis - LM2903D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
   Low-power dual voltage comparator
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
   Low-power dual voltage comparator
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
   Low power dual voltage comparator
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
   Low-power dual voltage comparator
Rev 2 - December 2022
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
   Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
   Low-power, dual-voltage comparator
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
   Low-power, dual-voltage comparator
November 2012 Rev 2
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
   Low power dual voltage comparator
August 31, 1994
logo
STMicroelectronics
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
   Low-power dual voltage comparator
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
   Low-power dual voltage comparator
September 2021
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com