Zakładka z wyszukiwarką danych komponentów |
|
AD9861BCPRL-50 Arkusz danych(PDF) 9 Page - Analog Devices |
|
AD9861BCPRL-50 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 52 page AD9861 Rev. 0 | Page 9 of 52 Pin No. Name1 Description2, 3 34 AUX_SPI_CLK CLK for AuxSPI. 35–44 L9–L0 Lower Data Bit 9 to Lower Data Bit 0. 45 AUX3 Configurable as either AuxADC_B or AuxDAC_C. 46 RESET Chip Reset When Low. 47 AUX_ADC_REF Decoupling for AuxADC On-Chip Reference. 48 CLKIN Clock Input. 52 REFB ADC Bottom Reference. 54, 55 VIN+B, VIN−B ADC B Differential Input. 56 VREF ADC Band Gap Reference. 57, 58 VIN−A, VIN+A ADC A Differential Input. 60 REFT ADC Top Reference. 62 RxPwrDwn Rx Analog Power-Down Control. 63 TxPwrDwn Tx Analog Power-Down Control. 64 SPI_CS SPI: Serial Port Chip Select. At power-up or reset, this must be high. No SPI: Tie low to disable SPI and use mode pins. This pin must be tied low. 1 Underlined pin names and descriptions apply when the device is configured without a serial port interface, referred to as no SPI mode. 2 Pin function depends if the serial port is used to configure the AD9861 (called SPI mode) or if mode pins are used to configure the AD9861 (called No SPI mode). The differences are indicated by the SPI and No SPI labels in the description column. 3 Some pin descriptions depend on the interface configuration, full-duplex (FD), half-duplex interleaved data (HD10), half-duplex parallel data (HD20), and a half-duplex interface similar to the AD9860 and AD9862 data interface called clone mode (Clone). Clone mode requires a serial port interface. |
Podobny numer części - AD9861BCPRL-50 |
|
Podobny opis - AD9861BCPRL-50 |