Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD9949KCPRL Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD9949KCPRL
Szczegółowy opis  12-Bit CCD Signal Processor with Precision Timing Core
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD9949KCPRL Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD9949KCPRL Datasheet HTML 7Page - Analog Devices AD9949KCPRL Datasheet HTML 8Page - Analog Devices AD9949KCPRL Datasheet HTML 9Page - Analog Devices AD9949KCPRL Datasheet HTML 10Page - Analog Devices AD9949KCPRL Datasheet HTML 11Page - Analog Devices AD9949KCPRL Datasheet HTML 12Page - Analog Devices AD9949KCPRL Datasheet HTML 13Page - Analog Devices AD9949KCPRL Datasheet HTML 14Page - Analog Devices AD9949KCPRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9949
Rev. B | Page 11 of 36
SYSTEM OVERVIEW
CCD
SERIAL
INTERFACE
DOUT
DIGITAL IMAGE
PROCESSING
ASIC
V-DRIVER
HD, VD
CLI
V1 TO Vx, VSG1 TO VSGx, SUBCK
H1 TO H4, RG
CCDIN
AD9949
INTEGRATED
AFE + TD
Figure 11. Typical Application
Figure 11 shows the typical system application diagram for the
AD9949. The CCD output is processed by the AD9949’s AFE
circuitry, which consists of a CDS, a PxGA, a VGA, a black level
clamp, and an ADC. The digitized pixel information is sent to
the digital image processor chip where all postprocessing and
compression occurs. To operate the CCD, CCD timing
parameters are programmed into the AD9949 from the image
processor through the 3-wire serial interface. From the system
master clock, CLI, provided by the image processor, the
AD9949 generates the high speed CCD clocks and all internal
AFE clocks. All AD9949 clocks are synchronized with VD and
HD. The AD9949’s horizontal pulses (CLPOB, PBLK, and
HBLK) are programmed and generated internally.
The H-drivers for H1 to H4 and RG are included in the
AD9949, allowing these clocks to be directly connected to the
CCD. The H-drive voltage of 3 V is supported in the AD9949.
Figure 12 shows the horizontal and vertical counter dimensions
for the AD9949. All internal horizontal clocking is programmed
using these dimensions to specify line and pixel locations.
H-COUNTER BEHAVIOR
When the maximum horizontal count of 4096 pixels is
exceeded, the H-counter in the AD9949 rolls over to zero and
continues counting. It is, therefore, recommended that the
maximum counter value not be exceeded.
However, the newer AD9949A version behaves differently. In
the AD9949A, the internal H-counter holds at its maximum
count of 4095 instead of rolling over. This feature allows the
AD9949A to be used in applications containing a line length
greater than 4096 pixels. Although no programmable values for
the horizontal blanking or clamping are available beyond pixel
4095, the H, RG, and AFE clocking continues to operate,
sampling the remaining pixels on the line.
MAXIMUM FIELD DIMENSIONS
12-BIT HORIZONTAL = 4096 PIXELS MAX
12-BIT VERTICAL = 4096 LINES MAX
Figure 12. Vertical and Horizontal Counters
VD
HD
CLI
MAX HD LENGTH IS 4095 PIXELS
MAX VD LENGTH IS 4095 LINES
Figure 13. Maximum VD/HD Dimensions


Podobny numer części - AD9949KCPRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9949 AD-AD9949 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
More results

Podobny opis - AD9949KCPRL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9949 AD-AD9949_15 Datasheet
714Kb / 36P
   12-Bit CCD Signal Processor with Precision Timing Core
REV. B
AD9971 AD-AD9971 Datasheet
67Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpA
AD9971 AD-AD9971_15 Datasheet
79Kb / 2P
   12-Bit CCD Signal Processor with Precision Timing
Rev. SpB
AD9979 AD-AD9979_15 Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979BCPZRL AD-AD9979BCPZRL Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9979 AD-AD9979 Datasheet
62Kb / 2P
   14-Bit, CCD Signal Processor with Precision Timing Core
Rev. Sp0
AD9979BCPZ AD-AD9979BCPZ Datasheet
589Kb / 56P
   14-Bit, CCD Signal Processor with Precision Timing Core
REV. C
AD9948 AD-AD9948_15 Datasheet
545Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing Core
REV. 0
AD9948 AD-AD9948 Datasheet
522Kb / 28P
   10-Bit CCD Signal Processor with Precision Timing??Core
REV. 0
AD9992 AD-AD9992 Datasheet
1Mb / 92P
   12-Bit CCD Signal Processor with Precision Timing Generator
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com